Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3NDDM Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT3NDDM
Description  Composite Transistor With Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3NDDM Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT3NDDM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3NDDM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3NDDM Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYPICAL CHARACTERISTICS ( Tr1,Tr2 )
PRELIMINARY
RT3NDDM
Composite Transistor With Resistor
For Switching Application
Silicon NPN Epitaxial Type
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)CEO
Collector to Emitter break down voltage
IC=100μA,RBE=∞
50
-
-
V
ICBO
Collector cut off current
VCB =50V,IE=0
-
-
0.1
μ
A
hFE
DC forward current gain
VCE=5V,IC=10mA
80
-
-
-
VCE(sat)
Collector to Emitter saturation voltage
IC=10mA,IB=0.5mA
-
0.1
0.3
V
VI(ON)
Input on voltage
VCE=0.2V,IC=5mA
-
0.7
1.1
V
VI(OFF)
Input off voltage
VCE=5V,IC=100μA
0.5
0.6
-
V
R1
Input resistor
-
1.5
2.2
2.9
kΩ
R2/R1
Resistor ratio
-
17
22
26
-
fT
Gain band width product
VCE=6V,IE=-10mA
-
200
-
MHZ
ISAHAYA ELECTRONICS CORPORATION
INPUT ON VOLTAGE
VS. COLLECTOR CURRENT
0.1
1
10
1
10
100
COLLECTOR CURRENT IC(mA)
VCE=0.2V
COLLECTOR CURRENT
VS. INPUT OFF VOLTAGE
10
100
1000
0.0
0.4
0.8
1.2
1.6
2.0
INPUT OFF VOLTAGE VI(OFF)(V)
VCE=5V
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
10
100
1000
1
10
100
COLLECTOR CURRENT IC(mA)
VCE=5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com