Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

057331U200JS2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 057331U200JS2
Description  Military Grade, Axial Leaded, Aluminum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

057331U200JS2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  057331U200JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 057331U200JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 057331U200JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 057331U200JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 057 105 °C Military Grade, Axial Leaded, Aluminum
Type 057 capacitors are the commercial equivalent to
MIL-C-39018/03 (CU17) types and are ideal for high
reliability, long life and high temperature applications.
Highlights
Long life
High Ripple
High Temperature
Specifications
Operating Temperature:
55 °C to +105 °C
Rated Voltage:
6.3 to 250 Vdc
Capacitance:
12 F to 33,000 F
Capacitance Tolerance:
10% to 75%
Leakage Current:
0.002 CV A @ +25 °C,
0.012 CV A @ +105 °C
Ripple Current Multipliers:
Ambient Temperature
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
1.62
1.49
1.35
1.19
1.00
0.77
0.43
Frequency
50 Hz
60 Hz
120 Hz
360 Hz 1 kHz
5 kHz
10 kHz+
0-60 Vdc
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61-200 Vdc
0.83
1.00
1.15
1.20
1.20
1.20
1.20
Load Life:
2,000 h @ +105 °C
Capacitance
10%
ESR 125% of limit
DCL 100% of limit
Shelf Life:
1,000 h @ +105 °C
Capacitance
10%
ESR 100% of limit
DCL 200% of limit
Vibration:
10 to 500 Hz, 0.06” and 10 g max, 2 h in each plane
Outline Drawings
d = 20 AWG for D < 0.75”, 18 AWG for D
0.75”
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com


Similar Part No. - 057331U200JS2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
057331U200JS2 CDE-057331U200JS2 Datasheet
175Kb / 4P
Type 057 105 째C Military Grade, Axial Leaded, Aluminum
More results

Similar Description - 057331U200JS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
066182U6R3FE2 ETC2-066182U6R3FE2 Datasheet
75Kb / 6P
Standard, Axial Leaded, Aluminum
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
Industrial Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
Type 057 105 째C Military Grade, Axial Leaded, Aluminum
556 CDE-556 Datasheet
81Kb / 5P
Computer Grade, Axial Leaded, Aluminum
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
Industrial Grade, Axial Leaded, Aluminum
logo
STATEK CORPORATION
LHGAT STATEK-LHGAT Datasheet
209Kb / 2P
Leaded Military Grade/High Shock
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com