Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-45LL Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-45LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-45LL Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-45LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-45LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-45LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-45LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-45LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-45LL Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-45LL Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-45LL Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-45LL Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
11
Preliminary
Figure 4: WRITE Operation (ADV# LOW)
Page Mode Read Operation
Page mode is a performance-enhancing extension to the legacy asynchronous READ operation. In page-mode-capable products, an
initial asynchronous read access is performed, then adjacent addresses can be read quickly by simply changing the low-order
address. Addresses A[3:0] are used to determine the members of the 16-address CellularRAM page. Any change in addresses A[4]
or higher will initiate a new tAA access time. Figure 5 shows the timing for a page mode access. Page mode takes advantage of the
fact that adjacent addresses can be read in a shorter period of time than random addresses. WRITE operations do not include
comparable page mode functionality. During asynchronous page mode operation, the CLK input must be held LOW. CE# must be
driven HIGH upon completion of a page mode access. WAIT will be driven while the device is enabled and its state should be ignored.
Page mode is enabled by setting RCR[7] to HIGH. ADV# must be driven LOW during all page mode READ accesses. Due to refresh
considerations, CE# must not be LOW longer than tCEM.
Figure 5: Page Mode READ Operation (ADV# LOW)
Don’t Care
CE#
Address
OE#
LB#/UB#
DATA
tWC = WRITE Cycle Time
Data Valid
Address Valid
WE#
< tCEM
<
tCEM
Add0
Add1 Add2
Add3
D0
D1
D2
D3
tAA
tAPA
LB#/UB#
OE#
DATA
CE#
Address
Don’t Care
WE#
tAPA
tAPA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com