Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEH40F48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEH40F48
Description  132 Watts / 48 Watts DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH40F48 Datasheet(HTML) 1 Page - Astec America, Inc

  AEH40F48 Datasheet HTML 1Page - Astec America, Inc AEH40F48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AEH40 Series
132 Watts / 48 Watts
Special Features
• Delivers up to 40A output
current
• Basic Isolation
• Ultra HIgh Efficiency
• Improved thermal perform-
ance: 40A at 70 ºC at 1.5ms-1
(300LFM)
• High power density
• Low output noise
• Industry standard pinout
• 2:1 wide input voltage
• CNT function
• Remote sense
• Trim function: +10% / -20%
• Input under-voltage lockout
• Output over-current lockout
• Output over-voltage protec-
tion
• Over temperature protection
• RoHS Compliant
Total Power:
132 Watts (for the 3.3 Vo device)
48 Watts (for the 1.2 Vo device)
Input Voltage: 36 - 75 VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input Range
36 to 75 VDC
Input Current (max.)
6.2 A (for the 3.3 Vo device)
2.0 A (for the 1.2 Vo device)
Input Reflected-ripple
20 mAp-p 5Hz to 20MHz: 12uH source impedance, TA=25 ºC
Current
Output
Output
Output voltage
3.25 to 3.35 Vdc (3.3 Vdc Nominal)
1.18 to 1.22 Vdc (1.2 Vdc Nominal)
Output Current
0 to 40 A
Efficiency
>87% (89% typ) : 3.3 Vo device
>80% (81% typ) : 1.2 Vo device
Line output regulation
10 MV max. (5MV Nominal) : 3.3 Vo device
5 MV max. (3MV Nominal) : 1.2 Vo device
Load Output Regulation 20 mV max (10 mV Typ) : 3.3 Vo device
18 mV max (5 mV Typ) : 1.2 Vo device
Switching Frequency
280KHz for the 3.3 Vo
220KHz for the 1.2 Vo
Isolation
I/O isolation
1500 Vdc
Isolation Capacitance
1000 pF
Isolation Resistance
>10 Mohms
UL cUL
TUV
Environmental Specifications
Operating ambient temperature range
-40 ºC to 70 ºC
Storage temperature
-55 ºC to 125 ºC
Temperature Regulation
0.02 %Vo/ºC
Calculated MTBF
2 Million hours (typ.); Io=Io-max; Tc=25 ºC
Rev. 01.05.07
AEH40Series
1 of 2
mars


Similar Part No. - AEH40F48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH40F48 EMERSON-NETWORKPOWER-AEH40F48 Datasheet
91Kb / 2P
AEH40Series
AEH40F48N EMERSON-NETWORKPOWER-AEH40F48N Datasheet
91Kb / 2P
AEH40Series
More results

Similar Description - AEH40F48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC40 ETC1-FDC40 Datasheet
101Kb / 3P
40 WATTS DC-DC CONVERTER
logo
Powerbox
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
52-132 WATTS DC/DC SINGLE
logo
RSG Electronic Componen...
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
3 WATTS DC-DC CONVERTER
PDS03 RSG-PDS03 Datasheet
181Kb / 3P
3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FDC10W P-DUKE-FDC10W_14 Datasheet
425Kb / 3P
10 WATTS DC-DC CONVERTER
FEC15 P-DUKE-FEC15_14 Datasheet
292Kb / 3P
15 WATTS DC-DC CONVERTER
FED30W P-DUKE-FED30W_14 Datasheet
1Mb / 3P
30 WATTS DC-DC CONVERTER
HEC100 P-DUKE-HEC100_14 Datasheet
2Mb / 3P
100 WATTS DC-DC CONVERTER
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com