Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-55LF Datasheet(PDF) 30 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-55LF
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55LF Datasheet(HTML) 30 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55LF Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
30
Preliminary
Table 11: Deep Power-Down Specifications
Note: Typical (TYP) IZZ value is tested at Vcc=1.8V, TA=25°C and not guaranteed.
Table 12: Capacitance
Note: These parameters are verified in device characterization and are not 100% tested.
Figure 21: AC Input/Output Reference Waveform
Note:
1. AC test inputs are driven at VccQ for a logic 1 and VssQ for a logic 0. Input rise and fall times (10% to 90%) <1.6ns.
2. Input timing begins at VccQ/2.
3. Output timing ends at VccQ/2.
Figure 22: AC Output Load Circuit
Note: All tests are performed with the outputs configured for default setting of half drive strength (BCR[5:4] = 01b).
Description
Conditions
Symbol
Typ
Max
Unit
Deep Power-Down
VIN = VccQ or 0V;
Vcc, VccQ = 1.95V; +85°C
IZZ
310
µA
Description
Conditions
Symbol
Min
Max
Unit
Note
Input Capacitance
Tc = = +25°C; f = 1 MHz;
VIN = 0V
CIN
2.0
6
pF
1
Input/Output
Capacitance(DQ)
CIO
3.5
6
pF
1
VccQ
VssQ
Input1
VccQ/22
VccQ/23
Test Points
Output
DUT
Test Points
50-Ohm
30pF
VccQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com