Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-85LF Datasheet(PDF) 32 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-85LF
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-85LF Datasheet(HTML) 32 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-85LF Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85LF Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85LF Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85LF Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85LF Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85LF Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85LF Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85LF Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85LF Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
32
Preliminary
Table 14: Burst READ Cycle Timing Requirements
All tests performed with outputs configured for default setting of half drive strength, (BCR[5:4] = 01b).
Note:
1. A refresh opportunity must be provided every tCEM. A refresh opportunity is satisfied by either of the following two conditions: a) clocked CE#
HIGH, or b) CE# HIGH for longer than 15ns.
2. The High-Z timings measure a 100mV transition from either VOH or VOL toward VccQ/2.
3. The Low-Z timings measure a 100mV transition away from the High-Z (VccQ/2) level toward either VOH or VOL.
Parameter
Symbol
104MHz
83MHz
66MHZ
Unit
Note
Min
Max
Min
Max
Min
Max
Address access time (fixed latency)
tAA
70
70
85
ns
ADV# access time (fixed latency)
tAADV
70
70
85
ns
Burst to READ access time (variable latency)
tABA
35.9
45
55
ns
CLK to output delay
tACLK
79
11
ns
Address hold from ADV# HIGH(fixed latency)
tAVH
222
ns
Burst OE# LOW to output delay
tBOE
20
20
20
ns
CE# HIGH between subsequent burst or mixed mode
operations
tCBPH
568
ns
1
Maximum CE# pulse width
tCEM
444
µs
1
CE# or ADV# LOW to WAIT valid
tCEW
17.5
17.5
1
7.5
ns
CLK period
tCLK
9.62
12.5
15
ns
Chip select access time (fixed latency)
tCO
70
70
85
ns
CE# setup time to active CLK edge
tCSP
345
ns
Hold time from active CLK edge
tHD
222
ns
Chip disable to DQ and WAIT High-Z output
tHZ
888
ns
2
CLK rise or fall time
tKHKL
1.6
1.8
2.0
ns
CLK to WAIT valid
tKHTL
79
11
ns
Output HOLD from CLK
tKOH
222
ns
CLK HIGH or LOW time
tKP
345
ns
Output disable to DQ High-Z output
tOHZ
888
ns
2
Output enable to Low-Z output
tOLZ
333
ns
3
Setup time to active CLK edge
tSP
333
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com