Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM397 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM397
Description  Single General Purpose Voltage Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM397 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM397_06 Datasheet HTML 1Page - National Semiconductor (TI) LM397_06 Datasheet HTML 2Page - National Semiconductor (TI) LM397_06 Datasheet HTML 3Page - National Semiconductor (TI) LM397_06 Datasheet HTML 4Page - National Semiconductor (TI) LM397_06 Datasheet HTML 5Page - National Semiconductor (TI) LM397_06 Datasheet HTML 6Page - National Semiconductor (TI) LM397_06 Datasheet HTML 7Page - National Semiconductor (TI) LM397_06 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2KV
Machine Model
200V
V
IN Differential
30V
Supply Voltages
30V or ±15V
Voltage at Input Pins
−0.3V to 30V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
Operating Ratings (Note 1)
Supply Voltage, V
S
5V to 30V
Temperature Range (Note 3)
−40˚C to +85˚C
Package Thermal Resistance (Note 3)
5-Pin SOT23
168˚C/W
Electrical Characteristics Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, VS = 5V, V
− =
0V, V
CM =V
+/2=V
O. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
V
S = 5V to 30V,
V
O = 1.4V, VCM =0V
27
10
mV
I
OS
Input Offset Current
V
O = 1.4V, VCM = 0V
1.6
50
250
nA
I
B
Input Bias Current
V
O = 1.4V, VCM = 0V
10
250
400
nA
I
S
Supply Current
R
L = Open, VS = 5V
0.25
0.7
mA
R
L = Open, VS = 30V
0.30
2
I
O
Output Sink Current
V
IN+ = 1V,VIN− = 0V, VO = 1.5V
6
13
mA
I
LEAKAGE
Output Leakage Current
V
IN+ = 1V,VIN− = 0V, VO = 5V
0.1
nA
V
IN+ = 1V,VIN− = 0V, VO = 30V
1
µA
V
OL
Output Voltage Low
I
O = −4mA, VIN+ = 0V,VIN− = 1V
180
400
700
mV
V
CM
Common-Mode Input Voltage
Range
V
S = 5V to 30V (Note 6)
0
0
V
S - 1.5V
V
S -2V
V
A
V
Voltage Gain
V
S = 15V, VO = 1.4V to 11.4V,
R
L > = 15k
Ω connected to V
S
120
V/mV
t
PHL
Propagation Delay
(High to Low)
Input Overdrive = 5mV
R
L = 5.1k
Ω connected to 5V, C
L = 15pF
900
ns
Input Overdrive = 50mV
R
L = 5.1k
Ω connected to 5V, C
L = 15pF
250
t
PLH
Propagation Delay
(Low to High)
Input Overdrive = 5mV
R
L = 5.1k
Ω connected to 5V, C
L = 15pF
940
µs
Input Overdrive = 50mV
R
L = 5.1k
Ω connected to 5V, C
L = 15pF
440
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)
Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 4: Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will
also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production material.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: The input common-mode voltage of either input should not be permitted to go below the negative rail by more than 0.3V. The upper end of the
common-mode voltage range is VS - 1.5V at 25˚C.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com