Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-85LF Datasheet(PDF) 35 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-85LF
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-85LF Datasheet(HTML) 35 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-85LF Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 37Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 38Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 39Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
35
Preliminary
TIMING DIAGRAMS
Figure 23: Initialization Period
Figure 24: DPD Entry and Exit Timing Parameters
Table 17: Initialization and DPD Timing Parameters
Symbol
Min
Max
Unit
tDPD
150
µs
tDPDX
10
µs
tPU
150
µs
Vcc, VccQ
= 1.7V
Vcc
(MIN)
Device ready for
normal operation
tPU
DPD Enabled
tDPD
tDPDX
tPU
CE#
DPD EXIT
Device Initialization
Write
RCR[4] = 0
Device ready for
normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com