Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB55NE06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB55NE06L
Description  N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NE06L Datasheet(HTML) 1 Page - STMicroelectronics

  STB55NE06L Datasheet HTML 1Page - STMicroelectronics STB55NE06L Datasheet HTML 2Page - STMicroelectronics STB55NE06L Datasheet HTML 3Page - STMicroelectronics STB55NE06L Datasheet HTML 4Page - STMicroelectronics STB55NE06L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STB55NE06L
N - CHANNEL ENHANCEMENT MODE
" SINGLE FEATURE SIZE
™ " POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.018
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
s
FOR THROUGH-HOLE VERSION CONTACT
SALES OFFICE
DESCRIPTION
This Power Mosfet is the latest development of
SGS-THOMSON unique "Single Feature Size
™ "
strip-based
process. The resulting transistor
shows extremely high packing density for low
on-resistance, rugged avalance characteristics
and less critical alignment steps therefore a
remarkable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc. )
INTERNAL SCHEMATIC DIAGRAM
March 1998
1
3
D
2PAK
TO-263
(suffix "T4")
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
60
V
VGS
Gate-source Voltage
± 15
V
ID
Drain Current (continuous) at Tc = 25
o C55
A
ID
Drain Current (continuous) at Tc = 100
oC39
A
IDM(
•)
Drain Current (pulsed)
220
A
Ptot
Total Dissipation at Tc = 25
oC130
W
Derating Factor
0.86
W/
oC
dv/dt
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤ 55 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STB55NE06L
60 V
< 0.022
Ω
55A
1/5


Similar Part No. - STB55NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB55NE06 STMICROELECTRONICS-STB55NE06 Datasheet
98Kb / 8P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Dec-1997
More results

Similar Description - STB55NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06-16 STMICROELECTRONICS-STB60NE06-16 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Jan-1998
STB80NE06-10 STMICROELECTRONICS-STB80NE06-10 Datasheet
94Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-1998
STD20NE03L STMICROELECTRONICS-STD20NE03L Datasheet
105Kb / 9P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Dec-1997
STD20NE06 STMICROELECTRONICS-STD20NE06 Datasheet
96Kb / 8P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Jan-1998
STP16NE06L STMICROELECTRONICS-STP16NE06L Datasheet
70Kb / 7P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE] POWER MOSFET
Oct-1997
STP55NE06 STMICROELECTRONICS-STP55NE06 Datasheet
120Kb / 9P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Jan-1998
STP55NE06L STMICROELECTRONICS-STP55NE06L Datasheet
57Kb / 6P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Dec-1997
STP60NE03L-10 STMICROELECTRONICS-STP60NE03L-10 Datasheet
99Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Dec-1997
STP80NE03L-06 STMICROELECTRONICS-STP80NE03L-06 Datasheet
87Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-2000
STP80NE06-10 STMICROELECTRONICS-STP80NE06-10 Datasheet
92Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-1998
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com