Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM152 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM152
Description  Precision Film Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MM152 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM152 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2006 Caddock Electronics, Inc.
IL-124.1206
C
B
Dielect.
Strength
Oper.
Temp.
(Max.)
Watt-
age
Model
No.
Dimensions in inches and (millimeters)
Resistance
Min.
MM112 0.12
275°C
400
45 Ω
500 K
Max.
Max.
Voltage
200
A
MM125 0.25
275°C
500
30 Ω
1 Meg
200
MM152 0.4
275°C
750
30 Ω
2 Meg
300
MM177 0.6
275°C
750
45 Ω
5 Meg
500
MM215 1.0
275°C
1,000
45 Ω
10 Meg
800
ML104
0.08
175°C
400
50 Ω
300 K
200
ML114
0.15
175°C
500
50 Ω
500 K
200
ML124
0.25
175°C
750
50 Ω
600 K
300
ML131
0.4
175°C
750
50 Ω
1 Meg
500
ML181
0.6
175°C
750
50 Ω
5 Meg
600
.160 ±.010
(4.06
(4.06 ±.26)
.26)
.188 ±.020
(4.78
(4.78 ±.51)
.51)
.250 ±.020
(6.35
(6.35 ±.51)
.51)
.313 ±.020
(7.95
(7.95
(7.95 ±.51)
.51)
.51)
.400 ±.020
(10.16 ±.51)
.160 ±.010
(4.06 ±.26)
.188 ±.020
(4.78 ±.51)
.250 ±.020
(6.35 ±.51)
.313 ±.020
(7.95
(7.95 ±.51)
.51)
.400 ±.020
(10.16 ±.51)
.150 ±.010
(3.81 ±.26)
.094 ±.006
(2.39
(2.39 ±.15)
.15)
.094 ±.006
(2.39 ±.15)
.070 ±.015
(1.78 ±.38)
.065 ±.010
(1.65 ±.26)
.150 ±.010
(3.81 ±.26)
.094 ±.006
(2.39
(2.39
(2.39 ±.15)
.15)
.15)
.094 ±.006
(2.39
(2.39 ±.15)
.15)
.070 ±.015
(1.78
(1.78 ±.38)
.38)
.065 ±.010
(1.65
(1.65 ±.26)
.26)
.025 ±.002
(.64 ±.05)
.025 ±.002
(.64
(.64 ±.05)
.05)
.025 ±.002
(.64 ±.05)
.020 ±.002
(.51 ±.05)
.018 ±.004
(.48 ±.10)
.025 ±.002
(.64 ±.05)
.025 ±.002
(.64
(.64
(.64 ±.05)
.05)
.05)
.025 ±.002
(.64
(.64 ±.05)
.05)
.020 ±.002
(.51
(.51 ±.05)
.05)
.018 ±.004
(.48
(.48 ±.10)
.10)
Type MM and ML Precision Film Resistors
RATED POWER OR
RATED VOLTAGE, %
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0
25
75
125 175 225 275
A - ML
B - MM
A
B
Specifications:
Resistance Tolerance: ±1% (tolerances to 0.1%
on special order).
Temperature Coefficient: 50 ppm/°C referenced
to +25°C, ΔR taken at -15°C and +105°C.
Insulation Resistance: 10,000 Megohms, min.
Overload/Overvoltage: 5 times rated power
with applied voltage not to exceed 1.5 times
maximum continuous operating voltage for 5
seconds, ΔR 0.5% max. or 0.5 ohm max.,
whichever is greater.
Thermal Shock: Mil-Std-202, Method 107,
Cond. F, ΔR 0.2% max. or 0.5 ohm max.,
whichever is greater.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R 0.5% max. or 0.5 ohm max., whichever is
greater.
Loadlife: 1,000 hours at +125°C at rated power,
not to exceed rated voltage, ΔR 0.5% max. or 0.5
ohm max., whichever is greater.
Solderable leads
Encapsulation: Transfer Molded.
Type MM and ML resistors have a proven performance history in industrial and military applications. Utilizing
our proven Micronox® resistance films, these resistors are available with power ratings up to 1 Watt
and resistance values to 10 Megohms. These resistors are ideal for applications requiring tolerances as close as 0.1% and
extended life stability of 0.1% per 1,000 hours.
Some models of Type MM and ML resistors are manufactured with Caddock's Non-Inductive Design that provides for
neighboring lines to carry current in opposite directions. This efficient non-inductive construction is accomplished without
derating of any performance advantages.
Type MM features:
• Max. Operating Temperature to +275°C.
• High Power Rating at +125°C.
• TC of 50 ppm/°C from -15°C to +105°C.
• Non-Inductive Performance Available.
Type ML features:
• TC of 50 ppm/°C from -15°C to +105°C.
• Non-Inductive Performance Available.
High Temperature Resistors for Geophysical, Industrial, and Military Requirements
Models with low inductance construction are in shaded areas.
Derating Curve:
Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas.
ML124 - 20.0K - 1%
Model Number:
Resistor Value:
Tolerance
Ordering Information:
1.500 ± .125
(38.10 ± 3.18)
A
B
C
DIMENSIONS IN INCHES AND (MILLIMETERS)
N Caddock's
Non-Inductive
Design
Replacement Notes:
Model MM216 replaced by MS221
Model MM217 replaced by MS223
Model MM224 replaced by MS244
Model MM225 replaced by MS245
Model MM236 replaced by MS260
Model ML212 replaced by MS221
Model ML213 replaced by MS223
Model ML218 replaced by MS244
Model ML219 replaced by MS245
Model ML226 replaced by MS260
Note: The MM and MLresistors are intended for high performance electronics applications
that are outside the scope of the RoHS directive. Contact Caddock Applications Engineering
for an RoHS compliant alternative.


Similar Part No. - MM152

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1522 MITSUMI-MM1522 Datasheet
85Kb / 4P
Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
MM1522XN MITSUMI-MM1522XN Datasheet
85Kb / 4P
Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
MM1522XU MITSUMI-MM1522XU Datasheet
85Kb / 4P
Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
More results

Similar Description - MM152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Tyco Electronics
CPF0603B2K2E1 MACOM-CPF0603B2K2E1 Datasheet
2Mb / 6P
Thin Film Precision Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com