Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV8564C2 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # RV8564C2
Description  Real Time Clock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RV8564C2 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  RV8564C2_08 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Real Time Clock
RV8564C2
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
14 Mar 2008
Features
« Equivalent to Epson RX-8564CF
« Compliant with I2C-Bus interface (400kHz)
« Built in crystal for adjustment-free operation
« Programmable alarm,timer and interrupt
« Low power consumption,low ageing
ACTUAL SIZE
1.20
(max)
5.20
(max)
3.40
(max)
SOLDER PAD LAYOUT
TOP VIEW
2.20
0.60
1.00
0.90
0.40
1.00
PAD
1
2
3
4
5
CONNECTION
Supply (VDD)
Frequency output (CLKOUT)
Not connected
Serial clock input (SCL)
Data (SDA)
PAD
6
7
8
9
10
CONNECTION
Ground
Interrupt output (/INT)
Not connected
Not connected
FOUT output enable (CLKOE)
15
6
10
Scale 3:1
Option
Codes
RV8564C2
Product
Parameters
Product + option code
eg: RV8564C2/B ±20ppm
Option code X (eg RV8564C2/X) denotes a custom spec.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 1k, 2.5k or 5k pcs per reel.
Refer to our website for T&R and soldering details.
The I2C-Bus is a trademark of Philips Electronics NBV
Block Diagram
Control 2
Seconds
Minutes
Hours
Days
Weekdays
Month / Century
Years
Minutes Alarm
Hour Alarm
Day Alarm
Weekday Alarm
CLKOUT Frequency
Timer Control
Timer
ADDRESS
REGISTER
Control 1
SCL
CLKOE
/ INT
CLKOUT
00
0F
VOLTAGE
DETECTOR
I2C BUS
INTERFACE
CONTROL
LOGIC
OUTPUT
CONTROL
DIVIDER
OSC
PDR
SDA
32.768kHz
CRYSTAL
Frequencies (selectable):
32.768kHz, 1024Hz, 32Hz & 1Hz
Frequency tolerance:
±10ppm
A
±20ppm
B
Other
specify
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10%
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
I2C bus active 1.8 ~ 5.5V
Data holding voltage (V
DD):
1.2 ~ 5.5V
Supply current (during access):
200µA max (fscl=100kHz)
800µA max (fscl=400kHz)
Supply current (backup mode):
275nA typ (fscl=0Hz, V
DD=3V)
250nA typ (fscl=0Hz, V
DD=2V)
Start up time:
3s max
Ageing:
±3ppm max first year
Shock and vibration resistance:
±5ppm, 5,000g, 0.3ms, sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max


Similar Part No. - RV8564C2_08

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
RV8564C2/B GOLLEDGE-RV8564C2/B Datasheet
62Kb / 1P
Real Time clock
RV8564C2/B GOLLEDGE-RV8564C2/B Datasheet
128Kb / 1P
Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_16 Datasheet
128Kb / 1P
Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_18 Datasheet
732Kb / 5P
RTC I C bus
More results

Similar Description - RV8564C2_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com