Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ESRE
Description  Solid Polymer Aluminum SMT Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ESRE Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRE Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type ESRE Solid Polymer Aluminum SMT Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Surface Mount, High Capacitance
Outline Drawing
Ratings
Maximum
Maximum
Capacitance
(µF)
Catalog
E.S.R.
Ripple Current
Part Number
100 kHz/20 ºC
100 kHz/105 ºC
(Ω)
(Amps)
2.0 Vdc
270
ESRE271M02R
0.012
3.3
330
ESRE331M02R
0.012
3.3
390
ESRE391M02XR
0.010
3.5
2.5 Vdc
220
ESRE221M0ER
0.012
3.3
270
ESRE271M0ER
0.012
3.3
330
ESRE331M0EXR
0.010
3.5
4.0 Vdc
180
ESRE181M04R
0.012
3.3
220
ESRE221M04XR
0.010
3.5
6.3 Vdc
150
ESRE151M06R
0.012
3.3
180
ESRE181M06XR
0.010
3.5
8.0 Vdc
100
ESRE101M08R
0.012
3.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com