Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRH151M06R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ESRH151M06R
Description  Solid Polymer Aluminum SMT Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRH151M06R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ESRH151M06R Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRH151M06R Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRH151M06R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type ESRH Solid Polymer Aluminum SMT Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Low E.S.R. and High Temperature
Outline Drawing
Ratings
*12mm wide tape — 13” diameter reel
Capacitance
(µF)
Rated
Voltage
WVDC
Catalog
Maximum
Ripple Current
Part Number
E.S.R.
at 100 kHz
H ±0.2
Tape* and Reel
100 kHz/20 ºC +20 ºC to + 125 ºC
(mm)
(2000 pcs/reel)
(Ω)
(A
rms)
180
2.0
ESRH181M02R
0.015
2.5
2.8
150
2.5
ESRH151M0ER
0.015
2.5
2.8
120
4.0
ESRH121M04R
0.015
2.5
2.8
100
6.3
ESRH101M06R
0.015
2.5
2.8
68
8.0
ESRH680M08R
0.015
2.5
2.8
270
2.0
ESRH271M02R
0.012
3.0
4.1
220
2.5
ESRH221M0ER
0.012
3.0
4.1
180
4.0
ESRH181M04R
0.012
3.0
4.1
150
6.3
ESRH151M06R
0.012
3.0
4.1
100
8.0
ESRH101M08R
0.012
3.0
4.1
Markings
Land Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com