Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRE331M0EXR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESRE331M0EXR
Description  Solid Polymer Aluminum SMT Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRE331M0EXR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESRE331M0EXR Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type ESRE Solid Polymer Aluminum SMT Capacitors
Capacitance Tripled
Type ESRE polymer aluminum capacitors are low voltage
polarized electrolytic capacitors, with extremely low
equivalent series resistance at high frequency. This yields
capacitors with very low high frequency impedance and
higher ripple current capability than aluminum electrolytic
or tantalum capacitors. One type ESRE capacitor can
replace three or more tantalum or aluminum electrolytic
capacitors. The solid electrolyte of the polymer aluminum
capacitor gives it a long life that is ignition free.
Type ESRE capacitors triple the capacitance
found in CDE’s type ESRD capacitors.
Highlights
• Lowest ESR: <10 mΩ at 100 kHZ
• 3.5 A ripple current at 100 kHz
• “D” case footprint: 7.3 (l) x 4.3 (w)
• Ignition Free
ESRE
101
M
08
R
Packaging Code
CDE
Type
Capacitance
Code
Capacitance
Tolerance
WVDC Code
R = Tape & Reel 2000 pcs/reel
02 =2.0 Vdc
06 = 6.3 Vdc
101 = 100 µF
M = ±20%
0E =2.5 Vdc
08 = 8.0 Vdc
04 =4.0 Vdc
Ordering Information
Markings
D = 2.0V
J = 6.3V
E = 2.5V
K = 8.0V
G = 4.0V
Polarity Stripe (Anode)
+
W.V. Code
Lot Code
Capacitance
(“R” = Decimal Point)
Applications
Motherboard By-Pass
Switching Supply Input/Output Filters
Power Supply Decoupling
High Frequency Noise Reduction
Laptop LCD Displays
Automotive Digital Equipment
Portable Electronic Equipment


Similar Part No. - ESRE331M0EXR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRE331M0EXR ETC2-ESRE331M0EXR Datasheet
95Kb / 6P
SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
logo
Cornell Dubilier Electr...
ESRE331M0EXR CDE-ESRE331M0EXR Datasheet
251Kb / 3P
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
More results

Similar Description - ESRE331M0EXR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRD ETC2-ESRD Datasheet
225Kb / 3P
Solid Polymer Aluminum SMT Capacitors
ESRH ETC2-ESRH Datasheet
296Kb / 3P
Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
SPA121M02R CDE-SPA121M02R Datasheet
229Kb / 3P
Solid Polymer Aluminum SMT Capacitors
ESRD101M02R CDE-ESRD101M02R Datasheet
225Kb / 3P
Solid Polymer Aluminum SMT Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
MERITEK ELECTRONICS COR...
PECH MERITEK-PECH Datasheet
559Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (SMT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com