Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS36B Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SS36B
Description  3.0A Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SS36B Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SS36B Datasheet HTML 1Page - TAITRON Components Incorporated SS36B Datasheet HTML 2Page - TAITRON Components Incorporated SS36B Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. C/AH 2007-11-20
SS32B - SS310B
3.0A Surface Mount
Schottky Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
3.0A Surface Mount Schottky Rectifier
Features
• Low Profile in SMB Package
• High current capability, low forward voltage drop
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• High temperature soldering guaranteed: 260° C/10 seconds, at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AA, Molded plastic body
Terminals:
Solder plated, solderable per MIL-STD-750D, Method 2026
Polarity
Color band denotes the cathode end
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
SS
32B
SS
33B
SS
34B
SS
35B
SS
36B
SS
38B
SS
39B
SS
310B
Unit
Conditions
VRRM
Maximum Repetitive Peak Reverse
Voltage
20
30
40
50
60
80
90
100
V
VRMS
Maximum RMS Voltage
14
21
28
35
42
56
63
70
V
VDC
Maximum DC Blocking Voltage
20
30
40
50
60
80
90
100
V
I(AV)
Maximum Average Forward Rectified
Current (FIG.1)
3.0
A
IFSM
Peak Forward Surge Current
(JEDEC Method)
80.0
A
8.3ms single half
sine-wave
VF
Maximum Instantaneous Forward
Voltage at 3.0A
0.50
0.75
0.85
V
Pulse
width=300µS,
1% duty cycle
0.5
Tj = 25 °C
IR
Maximum DC Reverse Current at
Rated DC Blocking Voltage
20
10
mA
Tj= 100 °C
17
RθJA
RθJL
Maximum Thermal Resistance,
Junction to Ambient
55
° C/W
PCB mounted with
copper pad area of
0.55 x 0.55" ( 14 x
14mm )
CJ
Typical Junction Capacitance
(NOTE)
200
pf
VR=4V, f=1MHz
TJ
Operating Junction Temperature
Range
-55 to +125
-55 to +150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
SMB
(DO-214AA)


Similar Part No. - SS36B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS36B BILIN-SS36B Datasheet
140Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
SS36B PFS-SS36B Datasheet
155Kb / 2P
RATING AND CHARACTERTIC CURVES
logo
Yangzhou yangjie electr...
SS36B YANGJIE-SS36B Datasheet
173Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS36B DACHANG-SS36B Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 3.0 A
logo
Frontier Electronics.
SS36B FRONTIER-SS36B Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS36B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B320 DIODES-B320_1 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
TAITRON Components Inco...
SS32A TAITRON-SS32A Datasheet
202Kb / 4P
3.0A Surface Mount Schottky Rectifier
logo
Diodes Incorporated
B320 DIODES-B320_10 Datasheet
96Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 7 - 2
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
B320AQ DIODES-B320AQ Datasheet
464Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2018 Rev. 2 - 2
B360AM DIODES-B360AM Datasheet
449Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
B370B DIODES-B370B Datasheet
108Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2012 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com