Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB60NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB60NF03L
Description  N-CHANNEL 30V - 0.008 ohm - 60A D2PAK STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STB60NF03L Datasheet HTML 1Page - STMicroelectronics STB60NF03L Datasheet HTML 2Page - STMicroelectronics STB60NF03L Datasheet HTML 3Page - STMicroelectronics STB60NF03L Datasheet HTML 4Page - STMicroelectronics STB60NF03L Datasheet HTML 5Page - STMicroelectronics STB60NF03L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STB60NF03L
N-CHANNEL 30V - 0.008
Ω - 60A D2PAK
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.008
Ω
s
OPTIMIMIZED FOR HIGH SWITCHING
OPERATIONS
s
LOW THRESHOLD DRIVE
s
LOGIC LEVEL GATE DRIVE
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting
transistor shows extremely high packing density
for
low
on-resistance,
rugged
avalance
characteristics and less critical alignment steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
LOW VOLTAGE DC-DC CONVERTERS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
HIGH EFFICIENCY SWITCHING CIRCUITS
®
INTERNAL SCHEMATIC DIAGRAM
September 1999
1
3
D
2PAK
TO-263
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC60
A
ID
Drain Current (continuous) at Tc =100
oC42
A
IDM (
•)
Drain Current (pulsed)
240
A
Ptot
T otal Dissipat ion at Tc =25
oC
100
W
Derating Factor
0.67
W /
o C
EAS(1
)
Single Pulse Avalanche Energy
650
mJ
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
( 1
) starting Tj =25 oC, ID =30A , VDD = 20V
T YPE
VDSS
RDS(on)
ID
STB60NF03L
30 V
< 0. 01
Ω
60 A
ADD SUFFIX ”T4” FOR ORDERING IN TAPE & REEL
1/6


Similar Part No. - STB60NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
Feb-2001
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
421Kb / 14P
N-channel 60V - 0.014Ω - 60A - D2PAK/I2PAK STripFET™ II Power MOSFET
June 2006
STB60NF06-1 STMICROELECTRONICS-STB60NF06-1 Datasheet
421Kb / 14P
N-channel 60V - 0.014Ω - 60A - D2PAK/I2PAK STripFET™ II Power MOSFET
June 2006
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET™ II POWER MOSFET
Jul-2003
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
516Kb / 16P
N-channel 60V - 0.012Ω - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
More results

Similar Description - STB60NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160NF3LL STMICROELECTRONICS-STB160NF3LL Datasheet
174Kb / 7P
N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET™ II POWER MOSFET
May 2002
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
01-Oct-2000
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
Sep-1999
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Nov-2001
STB60NH02L STMICROELECTRONICS-STB60NH02L_04 Datasheet
579Kb / 11P
N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET™ III POWER MOSFET
May 2004
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
STP60NF03L STMICROELECTRONICS-STP60NF03L_06 Datasheet
257Kb / 12P
N-channel 30V - 0.008Ω - 60A TO-220 STripFET™Power MOSFET
09-Aug-2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com