Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB60NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB60NF06
Description  N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STB60NF06 Datasheet HTML 1Page - STMicroelectronics STB60NF06 Datasheet HTML 2Page - STMicroelectronics STB60NF06 Datasheet HTML 3Page - STMicroelectronics STB60NF06 Datasheet HTML 4Page - STMicroelectronics STB60NF06 Datasheet HTML 5Page - STMicroelectronics STB60NF06 Datasheet HTML 6Page - STMicroelectronics STB60NF06 Datasheet HTML 7Page - STMicroelectronics STB60NF06 Datasheet HTML 8Page - STMicroelectronics STB60NF06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2001
STB60NF06
N-CHANNEL 60V - 0.014
Ω - 60A D2PAK
STripFET™ POWER MOSFET
(1) ISD≤ 60A, di/dt≤400 A/µs, VDD≤ 24V, Tj≤TjMAX
s
TYPICAL RDS(on) = 0.014Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL
DESCRIPTION
This Power Mosfet series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
s
AUTOMOTIVE
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STB60NF06
60V
< 0.016
Ω
60A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuos) at TC = 25°C
60
A
ID
Drain Current (continuos) at TC = 100°C
42
A
IDM (q)
Drain Current (pulsed)
240
A
PTOT
Total Dissipation at TC = 25°C
110
W
Derating Factor
0.73
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
4
V/ns
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
D2PAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB60NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
421Kb / 14P
N-channel 60V - 0.014Ω - 60A - D2PAK/I2PAK STripFET™ II Power MOSFET
June 2006
STB60NF06-1 STMICROELECTRONICS-STB60NF06-1 Datasheet
421Kb / 14P
N-channel 60V - 0.014Ω - 60A - D2PAK/I2PAK STripFET™ II Power MOSFET
June 2006
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET™ II POWER MOSFET
Jul-2003
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
516Kb / 16P
N-channel 60V - 0.012Ω - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
STB60NF06LT4 STMICROELECTRONICS-STB60NF06LT4 Datasheet
520Kb / 16P
N-channel 60V - 0.012廓 - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
More results

Similar Description - STB60NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
May-2000
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STP55NF06L STMICROELECTRONICS-STP55NF06L Datasheet
454Kb / 12P
N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET™ I POWER MOSFET
Aug-2002
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
STB60NF06 STMICROELECTRONICS-STB60NF06_06 Datasheet
421Kb / 14P
N-channel 60V - 0.014Ω - 60A - D2PAK/I2PAK STripFET™ II Power MOSFET
June 2006
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
26-Jun-2006
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
STD60NF06T4 STMICROELECTRONICS-STD60NF06T4 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK
13-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com