Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TER Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TER
Description  General Purpose Aluminum Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TER Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TER Datasheet HTML 1Page - TAITRON Components Incorporated TER Datasheet HTML 2Page - TAITRON Components Incorporated TER Datasheet HTML 3Page - TAITRON Components Incorporated TER Datasheet HTML 4Page - TAITRON Components Incorporated TER Datasheet HTML 5Page - TAITRON Components Incorporated TER Datasheet HTML 6Page - TAITRON Components Incorporated TER Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
General Purpose Aluminum Capacitors
TER Series
Rev. B/JJ 2008-03-12
www.taitroncomponents.com
Page 2 of 7
Specification
Description
Value
Conditions
Operating Temperature Range
-40 ~ +85˚C
-25 ~ +85˚C
Rated Voltage Range(WV)
6.3 ~ 100VDC
160 ~ 450VDC
Rated Capacitance Range
0.1 ~ 22000 µF
0.47 ~ 470 µF
Capacitance Tolerance
±20%
at 120Hz,
20 ˚C
I=0.01CV or 3 µA, whichever is greater.
I=0.03CV+10(µA)
Max. Leakage current at 20˚C
(I= Leakage Current(µA), C=Nominal Capacitance(µF), V=Rated Voltage(V))
After rated
Voltage
applied for 2
minutes
Max. Dissipation Factor
(tan δ)
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
0.15
0.20
at 120Hz,
20 ˚C
Working Voltage Range (WV)
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
Surge Voltage (V)
8
13
20
32
44
63
79
125
200
250
300
400
450
500
at 20˚C
8
6
5
3
3
7
10
15
Z(-25˚C)/
Z(+20˚C)
Max. Low Temperature
Stability Impedance Ratio
at 120Hz
10
8
6
4
3
--
--
--
Z(-40˚C)/
Z(+20˚C)
Cap.
Change
∆C/C ≤±20%
Dissipation
Factor
∆tanδ/tanδ≤200%
Load Life
Leakage
Current
∆IL/ IL≤1
After rated
voltage
applied 2000
hours at 85˚C
Shelf Life
Shall meet the same requirement as load life test
After 1000
hours at 85˚ C
without
voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com