Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB60NF06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB60NF06L
Description  N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET™ II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60NF06L Datasheet(HTML) 1 Page - STMicroelectronics

  STB60NF06L Datasheet HTML 1Page - STMicroelectronics STB60NF06L Datasheet HTML 2Page - STMicroelectronics STB60NF06L Datasheet HTML 3Page - STMicroelectronics STB60NF06L Datasheet HTML 4Page - STMicroelectronics STB60NF06L Datasheet HTML 5Page - STMicroelectronics STB60NF06L Datasheet HTML 6Page - STMicroelectronics STB60NF06L Datasheet HTML 7Page - STMicroelectronics STB60NF06L Datasheet HTML 8Page - STMicroelectronics STB60NF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2003
.
STB60NF06L
STP60NF06L STP60NF06LFP
N-CHANNEL 60V - 0.012
Ω - 60A TO-220/TO-220FP/D2PAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.012Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
175 oC OPERATING RANGE
s
LOW THRESHOLD DRIVE
s
SURFACE-MOUNTING D2PAK (TO-263)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4”)
DESCRIPTION
This MOSFET series realized with STMicroelectronics
unique STripFET process has specifically been designed
to minimize input capacitance and gate charge. It is
therefore suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC converters for
Telecom and Computer applications. It is also intended
for any applications with low gate drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
AUTOMOTIVE
TYPE
VDSS
RDS(on)
ID
STB60NF06L
STP60NF06L
STP60NF06LFP
60 V
60 V
60 V
<0.014
<0.014
<0.014
60 A
60 A
60 A(*)
TO-220
1
2
3
TO-220FP
1
3
D2PAK
TO-263
(Suffix “T4”)
1
2
3
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(*) Refer to SOA for the max allowable current values on FP-type
due to Rth value
(1) ISD ≤ 60A, di/dt ≤ 600A/µs, VDD ≤ 48V, Tj ≤ TJMAX.
(2) Starting Tj = 25 oC, ID = 30A, VDD = 30V
Symbol
Parameter
Value
Unit
STB60NF06L
STP60NF06L
STP60NF06LFP
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 15
V
ID
Drain Current (continuous) at TC = 25°C
60
60(*)
A
ID
Drain Current (continuous) at TC = 100°C
42
42(*)
A
IDM(•)
Drain Current (pulsed)
240
240(*)
A
Ptot
Total Dissipation at TC = 25°C
110
30
W
Derating Factor
0.73
0.2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
20
V/ns
EAS (2)
Single Pulse Avalanche Energy
320
mJ
VISO
Insulation Withstand Voltage (DC)
------
2000
V
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB60NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
516Kb / 16P
N-channel 60V - 0.012Ω - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
STB60NF06LT4 STMICROELECTRONICS-STB60NF06LT4 Datasheet
520Kb / 16P
N-channel 60V - 0.012廓 - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
logo
VBsemi Electronics Co.,...
STB60NF06LT4 VBSEMI-STB60NF06LT4 Datasheet
985Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STB60NF06L STMICROELECTRONICS-STB60NF06L_06 Datasheet
516Kb / 16P
N-channel 60V - 0.012Ω - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
More results

Similar Description - STB60NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
STF12PF06 STMICROELECTRONICS-STF12PF06 Datasheet
260Kb / 10P
P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET
Rev. 2.0
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STB20NF06L STMICROELECTRONICS-STB20NF06L Datasheet
395Kb / 16P
N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
27-Jul-2006
STB55NF06 STMICROELECTRONICS-STB55NF06_06 Datasheet
543Kb / 18P
N-channel 60V - 0.015Ω - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
STB60NF06L STMICROELECTRONICS-STB60NF06L_06 Datasheet
516Kb / 16P
N-channel 60V - 0.012Ω - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
STB60NF06LT4 STMICROELECTRONICS-STB60NF06LT4 Datasheet
520Kb / 16P
N-channel 60V - 0.012廓 - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com