Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALO20F48N Datasheet(PDF) 13 Page - Astec America, Inc

Part # ALO20F48N
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO20F48N Datasheet(HTML) 13 Page - Astec America, Inc

Back Button ALO20F48N Datasheet HTML 9Page - Astec America, Inc ALO20F48N Datasheet HTML 10Page - Astec America, Inc ALO20F48N Datasheet HTML 11Page - Astec America, Inc ALO20F48N Datasheet HTML 12Page - Astec America, Inc ALO20F48N Datasheet HTML 13Page - Astec America, Inc ALO20F48N Datasheet HTML 14Page - Astec America, Inc ALO20F48N Datasheet HTML 15Page - Astec America, Inc ALO20F48N Datasheet HTML 16Page - Astec America, Inc ALO20F48N Datasheet HTML 17Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 13 OF 30
JUNE 24, 2005 - REVISION B
Performance Curves
5V @ 20A (continued)
Figure 22. 5V output ripple at VIN = 48Vdc, IO = Full Load,
TA = 25
°C.
Figure 21. 5V output startup characteristic at VIN = 48Vdc,
IO = Full Load, TA = 25
°C, C
O = 0.
Figure 23. 5V output transient response 25% to 50% step
change at VIN = 48Vdc, TA = 25
°C, C
O = 0.
Figure 24. 5V output transient response 50% to 75% step
change at VIN = 48Vdc, TA = 25
°C, C
O = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com