Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X2AS Datasheet(PDF) 2 Page - Anaren Microwave

Part # X2AS
Description  SMT Crossover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X2AS Datasheet(HTML) 2 Page - Anaren Microwave

  X2AS Datasheet HTML 1Page - Anaren Microwave X2AS Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model X2AS
Rev. A
Typical Performance: 0.5 GHz to 6.0 GHz
Mounting
Mounting Footprint
In order for Xinger crossovers to work optimally, there
must be 50 transmission lines leading to and from all of
the RF ports. Also, there must be a very good ground to
the corners of the crossover to insure proper electrical
performance. If either of these two conditions are not
satisfied, insertion loss, VSWR and isolation parameters
may not meet published specifications.
When a surface mount crossover is mounted to a printed
circuit board, the primary concerns are; insuring the RF
pads of the device are in contact with the circuit trace of
the PCB and insuring the ground plane of neither the
component nor the PCB is in contact with the RF signal.
Since the component is not symmetrical, the crossovers
are specifically oriented in the tape and reel. An example
of how the PCB footprint could look is shown below. In
specific designs, the 50 lines need to be adjusted to the
unique dielectric coefficients and thicknesses as well as
varying pick and place equipment tolerances.
X2AS Mounting Footprint
Dimensions are in Inches [Millimeters]
DC Line
50
Transmission
Line
.063 SQ TYP
[1.60]
.034 TYP
[0.86]
Mutiple
plated thru holes
to ground
.148
[3.75]
To ensure proper electrical and thermal performance
there must be a ground plane with 100%
solder connection underneath the part
Return Loss X2AS
-60
-50
-40
-30
-20
-10
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
Frequency (MHz)
Insertion Loss X2AS
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
Frequency (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com