Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6NA80 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB6NA80
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6NA80 Datasheet(HTML) 2 Page - STMicroelectronics

  STB6NA80 Datasheet HTML 1Page - STMicroelectronics STB6NA80 Datasheet HTML 2Page - STMicroelectronics STB6NA80 Datasheet HTML 3Page - STMicroelectronics STB6NA80 Datasheet HTML 4Page - STMicroelectronics STB6NA80 Datasheet HTML 5Page - STMicroelectronics STB6NA80 Datasheet HTML 6Page - STMicroelectronics STB6NA80 Datasheet HTML 7Page - STMicroelectronics STB6NA80 Datasheet HTML 8Page - STMicroelectronics STB6NA80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
THERMAL DATA
Rthj-ca se
Rthj-amb
R thc-sin k
Tl
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead T emperature For Soldering Purpose
1
62.5
0.5
300
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Valu e
Unit
IAR
Avalanche Current, Repet itive or Not-Repetitive
(pulse width limited by Tj max,
δ <1%)
5.7
A
EAS
Single Pulse Avalanche Energy
(st arting Tj =25
oC, ID =IAR,VDD =50 V)
165
mJ
EAR
Repetitive Avalanche Energy
(pulse width limited by Tj max,
δ <1%)
6.5
mJ
IAR
Avalanche Current, Repet itive or Not-Repetitive
(Tc =100
oC, pulse width limited by T
j max ,
δ <1%)
3.6
A
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250
µAVGS =0
800
V
IDSS
Zero G ate Volt age
Drain Current (VGS =0)
VDS = Max Rating
VDS = Max Rating x 0.8
Tc =125
oC
250
1000
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID = 250
µA
2.25
3
3.75
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V
ID =3 A
VGS =10V
ID =3 A
Tc =100
oC
1.68
1.9
3.8
Ω
Ω
ID(on )
On Stat e Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
6A
DYNAMIC
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
gfs (
∗)Forward
Transconductance
VDS >ID(on) xRDS(on)max
ID =3 A
4
6. 1
S
Cis s
Coss
Crss
Input Capacit ance
Out put Capacitance
Reverse T ransf er
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
1330
160
40
1750
210
55
pF
pF
pF
STB6NA80
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com