Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6NB50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB6NB50
Description  N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6NB50 Datasheet(HTML) 1 Page - STMicroelectronics

  STB6NB50 Datasheet HTML 1Page - STMicroelectronics STB6NB50 Datasheet HTML 2Page - STMicroelectronics STB6NB50 Datasheet HTML 3Page - STMicroelectronics STB6NB50 Datasheet HTML 4Page - STMicroelectronics STB6NB50 Datasheet HTML 5Page - STMicroelectronics STB6NB50 Datasheet HTML 6Page - STMicroelectronics STB6NB50 Datasheet HTML 7Page - STMicroelectronics STB6NB50 Datasheet HTML 8Page - STMicroelectronics STB6NB50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STB6NB50
N - CHANNEL 500V - 1.35
Ω - 5.8A - D2PAK/I2PAK
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 1.35
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
November 1999
TYPE
VDSS
RDS(on)
ID
ST B6NB50
500 V
< 1.5
Ω
5.8 A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
500
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC5.8
A
ID
Drain Current (continuous) at Tc =100
oC3.7
A
IDM (
•)
Drain Current (pulsed)
23.2
A
Ptot
T otal Dissipation at Tc =25
oC100
W
Derating Factor
0.8
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4.5
V/ns
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 6A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
1
2 3
I
2PAK
TO-262
(suffix ”-1”)
1
3
D
2PAK
TO-263
(Suffix ”T4”)
1/9


Similar Part No. - STB6NB50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB6NB50 ISC-STB6NB50 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB6NB50-TR VBSEMI-STB6NB50-TR Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STB6NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
Jun-1998
STB4NB50 STMICROELECTRONICS-STB4NB50 Datasheet
64Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3.8A - D2PAK/I2PAK PowerMESHO MOSFET
Oct-1998
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
N-CHANNEL 600V - 1Ω - 5.8A D2PAK PowerMesh™ II MOSFET
Oct-2001
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STB9NC60 STMICROELECTRONICS-STB9NC60 Datasheet
461Kb / 10P
N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh™ I MOSFET
Feb-2002
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com