Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMMAAP33K-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DMMAAP33K-F
Description  Polyester Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DMMAAP33K-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DMMAAP33K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers DMMAAP33K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type DMMA Polyester Film Capacitors
T
H
L
S
T
H
L
S
Cap.
Catalog
Maximum Maximum Maximum ±.062 (1.6 )
Cap.
Catalog
Maximum Maximum Maximum ±.062 (1.6 )
(µF)
Part Number
In. (mm)
In. (mm)
In. (mm)
In. (mm)
(µF)
Part Number
In. (mm)
In. (mm)
In. (mm)
In. (mm)
360 Vac (800 Vdc)
480 Vac (1,000 Vdc)
0.015 DMMACS15K F
.295 (7.5)
.460 (11.7) .937 (23.8) .687 (17.4)
0.010 DMMADS1K-F
.325 (8.3) .485 (12.3) .937 (23.8) .687 (17.4)
0.022 DMMACS22K-F
.343 (8.7)
.500 (12.7) .937 (23.8) .687 (17.4)
0.015 DMMADS15K-F
.375 (9.5) .530 (13.5) .937 (23.8) .687 (17.4)
0.033 DMMACS33K-F
.375 (9.5)
.530 (13.5) .937 (23.8) .687 (17.4)
0.022 DMMADS22K-F
.440 (11.2) .595 (15.1) .937 (23.8) .687 (17.4)
0.047 DMMACS47K-F
.405 (10.3) .565 (14.3) .937 (23.8) .687 (17.4)
0.033 DMMADS33K-F
.480 (12.2) .655 (16.6) .937 (23.8) .687 (17.4)
0.068 DMMACS68K-F
.465 (11.8) .640 (16.3) .937 (23.8) .687 (17.4)
0.047 DMMADS47K-F
.440 (11.2) .610 (15.5) 1.125 (28.6) .875 (22.2)
0.100 DMMACP1K-F
.450 (11.4) .610 (15.5) 1.125 (28.6) .875 (22.2)
0.068 DMMADS68K-F
.500 (12.7) .675 (17.1) 1.125 (28.6) .875 (22.2)
0.150 DMMACP15K-F
.515 (13.1) .690 (17.5) 1.125 (28.6) .875 (22.2)
0.100 DMMADP1K-F
.580 (14.7) .765 (19.4) 1.125 (28.6) .875 (22.2)
0.220 DMMACP22K-F
.590 (15.0) .765 (19.4) 1.125 (28.6) .875 (22.2)
0.150 DMMADP15K-F
.670 (17.0) .875 (22.2) 1.125 (28.6) .875 (22.2)
0.330 DMMACP33K-F
.685 (17.4) .890 (22.6) 1.125 (28.6) .875 (22.2)
0.220 DMMADP22K-F
.685 (17.4) .875 (22.2) 1.312 (33.3) 1.000 (25.4)
0.470 DMMACP47K -F
.685 (17.4) .890 (22.6) 1.312 (33.3) 1.000 (25.4)
0.330 DMMADP33K-F
.700 (17.8) .905 (23.0) 1.312 (33.3) 1.000 (25.4)
0.680 DMMACP68K-F
.810 (20.6) 1.015 (25.8) 1.312 (33.3) 1.000 (25.4)
0.470 DMMADP47K-F
.810 (20.6) 1.030 (26.2) 1.500 (38.1) 1.250 (31.7)
1.000 DMMACW1K-F
.860 (21.8) 1.070 (27.2) 1.500 (38.1) 1.250 (31.7)
0.680 DMMADP68K-F
.875 (22.2) 1.110 (28.2) 1.687 (42.8) 1.468 (37.3)
1.500 DMMACW1P5K-F .860 (21.8) 1.140 (28.9) 1.937 (49.2) 1.656 (42.0)
1.000 DMMADW1K-F
.950 (24.1) 1.220 (31.0) 1.937 (49.2) 1.656 (42.0)
2.000 DMMACW2K-F
.965 (24.5) 1.265 (32.1) 1.937 (49.2) 1.656 (42.0)
1.500 DMMADW1P5K-F 1.062 (27.0) 1.345 (34.2) 2.125 (54.0) 1.875 (47.6)
RoHS Compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com