Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB7001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB7001
Description  900 MHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7001 Datasheet(HTML) 2 Page - STMicroelectronics

  STB7001 Datasheet HTML 1Page - STMicroelectronics STB7001 Datasheet HTML 2Page - STMicroelectronics STB7001 Datasheet HTML 3Page - STMicroelectronics STB7001 Datasheet HTML 4Page - STMicroelectronics STB7001 Datasheet HTML 5Page - STMicroelectronics STB7001 Datasheet HTML 6Page - STMicroelectronics STB7001 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STB7001
2/7
ELECTRICAL SPECIFICATION (Tamb = 25°C, Vcc = 2.8V)
Note(1) : Gp1 min gain, Gp2 mid gain and Gp3 max gain.
Symbol
Parameters
Test Conditions
Min.
Typ.
Max.
Unit
Vcc
Supply voltage
2.7
2.8
2.9
V
Ibias
Bias current
for Gp1
(1)
Gp2
(1)
Gp3
(1)
8
14
10
11.5
17.5
15.0
15.0
22.5
19
mA
Istby
Standby current
20
µA
f
Frequency range
925
960
MHz
Gp1,2,3
Power gain
for Gp1
Gp2
Gp3
-3.0
16.0
24.0
0.0
18.0
26.0
3.0
20.0
28.0
dB
NF1,2,3
Noise figure
for Gp1
Gp2
Gp3
10
3.1
2.5
dB
P1dB1,2,3
Input 1 dB Compr.Power
for Gp1
Gp2
Gp3
-15.0
-19.0
-26.5
dBm
IIP31,2,3
Input Third Order Intercept
for Gp1
Gp2
Gp3
-6.0
-11.0
-20.0
dBm
VSWRi
Input VSWR
1.5:1
VSWRo
Output VSWR
1.5:1
AZout
Zout LNA on/off
15
%
PINOUT
Pin Number
Symbol
Description
Evaluation circuit components
1
RFin
RF input
L2 = 5.1nH, C2 = n/c
2
Gnd
Ground
3
Vcc
Voltage supply
C4 = 8pF, L1 = 110nH, C7 = 10nF, C6 = 4.7uF
4
ARLNA0
Enable for power down
C3 = 10nF
5
RFout
RF output
C9 = 5pf, L3 = 10nH, C10 = 10nF, C11 = 100pF, L4 = 110nH
6
Gnd
Ground
7
GC1
Gain selection
C5 = 10nF
8
GC2
Gain selection
C8 = 10nF
GAIN SELECTI0N
Gp1
Gp2
Gp3
GC1
00
1
GC2
01
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com