Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP115 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TIP115
Description  Darlington Power Transistors (PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TIP115 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TIP115 Datasheet HTML 1Page - TAITRON Components Incorporated TIP115 Datasheet HTML 2Page - TAITRON Components Incorporated TIP115 Datasheet HTML 3Page - TAITRON Components Incorporated TIP115 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-06-13
TIP115/116/117
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
Darlington Power Transistors (PNP)
Darlington Power Transistors (PNP)
Features
• Designed for general-purpose amplifier and low speed
switching applications
• RoHS Compliant
Mechanical Data
Case:
TO-220, Plastic Package
Terminals:
Solderable per MIL-STD-202, Method 208
Weight:
0.08 ounces, 2.24 grams
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
TIP115
TIP116
TIP117
Unit
VCBO
Collector-Base Voltage
60
80
100
V
VCEO
Collector-Emitter Voltage
60
80
100
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current Continuous
2.0
A
ICM
Collector Current Peak
4.0
A
IB
Base Current
50
mA
Power Dissipation upto TC=25°C
50
W
Power Dissipation upto TA=25°C
2.0
W
PD
Power Dissipation Derate above TA=25°C
16
mW/° C
RθJA
Thermal Resistance from Junction to Ambient in Free Air
62.5
° C /W
RθJC
Thermal Resistance from Junction to Case
2.5
° C /W
TJ, TSTG
Operating Junction and Storage Temperature Range
-65 to +150
° C
TO-220


Similar Part No. - TIP115

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP115 MOSPEC-TIP115 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP115 MOTOROLA-TIP115 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP115 ONSEMI-TIP115 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP115 STMICROELECTRONICS-TIP115 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results

Similar Description - TIP115

ManufacturerPart #DatasheetDescription
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
TAITRON Components Inco...
TIP105 TAITRON-TIP105 Datasheet
241Kb / 4P
Darlington Power Transistors (PNP)
TIP125 TAITRON-TIP125 Datasheet
243Kb / 4P
Darlington Power Transistors (PNP)
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
Silicon PNP Darlington Power Transistors
logo
New Jersey Semi-Conduct...
D45E NJSEMI-D45E Datasheet
748Kb / 2P
PNP POWER DARLINGTON TRANSISTORS
D45D NJSEMI-D45D Datasheet
808Kb / 2P
PNP POWER DARLINGTON TRANSISTORS
D41K NJSEMI-D41K Datasheet
742Kb / 2P
PNP POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com