Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TIP112
Description  Darlington Power Transistors (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TIP112 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TIP112 Datasheet HTML 1Page - TAITRON Components Incorporated TIP112 Datasheet HTML 2Page - TAITRON Components Incorporated TIP112 Datasheet HTML 3Page - TAITRON Components Incorporated TIP112 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/AH 2008-06-13
TIP110/111/112
Darlington Power Transistors (NPN)
www.taitroncomponents.com
Page 2 of 4
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Max.
Unit
Conditions
1000
-
VCE=4V, IC=1A
*
hFE
D.C. Current Gain
500
-
VCE=4V, IC=2A
TIP110
60
-
V
TIP111
80
-
V
*
VCEO(sus)
Collector-Emitter Sustaining
Voltage
TIP112
100
-
V
IC=30mA, IB=0
*
VCE(sat)
Collector-Emitter Saturation Voltage
-
2.5
V
IC=2A, IB=8mA
*
VBE(on)
Base-Emitter On Voltage
-
2.8
V
IC=2A, VCE=4V
ICEO
Collector-Emitter Cut-off Current
-
2.0
mA
VCE=Half Rated VCEO
ICBO
Collector-Base Cut-off Current
-
1.0
mA
VCB=Half Rated VCBO
IEBO
Emitter-Base Cut-off Current
-
2.0
mA
VEB=5V, IC=0
*Pulse Test: Pulse Width≤300µs, Duty Cycle≤2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com