Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TIP127
Description  Darlington Power Transistors (PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TIP127 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TIP127 Datasheet HTML 1Page - TAITRON Components Incorporated TIP127 Datasheet HTML 2Page - TAITRON Components Incorporated TIP127 Datasheet HTML 3Page - TAITRON Components Incorporated TIP127 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/AH 2008-06-13
TIP125/126/127
Darlington Power Transistors (PNP)
www.taitroncomponents.com
Page 2 of 4
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Max.
Unit
Conditions
1000
-
VCE=3V, IC=0.5A
*
hFE
D.C. Current Gain
1000
-
VCE=3V, IC=3A
TIP125
60
-
V
TIP126
80
-
V
*
VCEO(sus)
Collector-Emitter Sustaining
Voltage
TIP127
100
-
V
IC=100mA, IB=0
-
2.0
V
IC=3A, IB=12mA
*
VCE(sat)
Collector-Emitter Saturation Voltage
-
4.0
V
IC=5A, IB=20mA
*
VBE(on)
Base-Emitter On Voltage
-
2.5
V
IC=3A, VCE=3V
TIP125
-
0.5
VCE=30V, IB=0
TIP126
-
0.5
VCE=40V, IB=0
ICEO
Collector-Emitter Cut-off
Current
TIP127
-
0.5
mA
VCE=50V, IB=0
TIP125
-
0.2
VCB=60V, IE=0
TIP126
-
0.2
VCB=80V, IE=0
ICBO
Collector-Base Cut-off
Current
TIP127
-
0.2
mA
VCB=100V, IE=0
IEBO
Emitter-Base Cut-off Current
-
2
mA
VEB=5V, IC=0
hfe
Small Signal Current Gain
4.0
-
IC=3A, VCE=4V,
f=1.0MHz,
Cob
Output Capacitance
-
300
pF
VCB=10V, IE=0,
f=0.1MHz,
ton
Turn on time
Typ. 0.4
toff
Turn off time
Typ. 1.2
µS
IC=3A, RL=10Ω,
IB1=IB2=12mA,
VEB(off)=5V
*Pulse Test: Pulse Width≤300µs, Duty Cycle≤2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com