Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL404 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TL404
Description  4A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TL404 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TL404 Datasheet HTML 1Page - TAITRON Components Incorporated TL404 Datasheet HTML 2Page - TAITRON Components Incorporated TL404 Datasheet HTML 3Page - TAITRON Components Incorporated TL404 Datasheet HTML 4Page - TAITRON Components Incorporated TL404 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2008-03-07
TL400 – TL410
KBL005 – KBL10
4A Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 5
4A Bridge Rectifier
Features
• Ideal for printed circuit boards
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed: 260˚C/10 seconds
/.375”(9.5mm) lead length at 5lbs., (2.3kg) tension
• This series is UL recognized under component index, File number E194718
• RoHS Compliant
Mechanical Data
Case:
TL, molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Plated leads solderable per MIL-STD-202, Method 208
Polarity:
As marked on body
Weight:
5.6 gram
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
TL400
TL401
TL402
TL404
TL406
TL408
TL410
Symbol
Description
KBL005
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
Unit
Conditions
Marking Code
TL400
KBL005
TL401
KBL01
TL402
KBL02
TL404
KBL04
TL406
KBL06
TL408
KBL08
TL410
KBL10
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Max. Average Forward
Current
4.0
A
TA=50°C
IFSM
Peak Forward Surge
Current
200
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
TL


Similar Part No. - TL404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL404G ETC2-TL404G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TL404G TAITRON-TL404G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
More results

Similar Description - TL404

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
4A Glass Passivated Bridge Rectifier
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005 FRONTIER-BL4-005 Datasheet
121Kb / 2P
4A BRIDGE RECTIFIER
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
BL4-06-BF52-LFR FRONTIER-BL4-06-BF52-LFR Datasheet
121Kb / 2P
4A BRIDGE RECTIFIER
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
DONGGUAN YOU FENG WEI E...
MSB403E YFWDIODE-MSB403E Datasheet
293Kb / 3P
4A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com