Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL404G Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TL404G
Description  4A Glass Passivated Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TL404G Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TL404G Datasheet HTML 1Page - TAITRON Components Incorporated TL404G Datasheet HTML 2Page - TAITRON Components Incorporated TL404G Datasheet HTML 3Page - TAITRON Components Incorporated TL404G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/DX 2007-05-01
www.taitroncomponents.com
Page 2 of 4
4A Glass Passivated Bridge Rectifier
TL400G – TL410G
Fig.2-Max. Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
Fig.1-Forward Current Derating Curve
TC, Case Temperature (°C)
Symbol
Description
TL400G
TL401G
TL402G
TL404G
TL406G
TL408G
TL410G
Unit
Conditions
I²t
Rating for Fusing
(t<8.3ms)
93.3
A²s
Note 1
RthJA
Typical Thermal
Resistance per leg
19
Note 2
RthJL
Typical Thermal
Resistance per leg
2.4
°C / W
Note 3
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: 1.Non-repetitive for t > 1ms and < 8.3ms.
2. Mounted on 75 × 75 × 3.0mm Al. plate.
3. Mounted on PCB at 9.5mm lead length with 12mm² copper pad.
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com