Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR0504 Datasheet(PDF) 2 Page - Riedon Powertron

Part # CHR0504
Description  Non-magnetic Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CHR0504 Datasheet(HTML) 2 Page - Riedon Powertron

  CHR0504 Datasheet HTML 1Page - Riedon Powertron CHR0504 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powertron GmbH PotsdamerStrasse18a D-14513Teltow
+49(0)33283530-0
+49(0)33283530-15
ARiedonCompany
www.powertron.de
Page9
1.01
SPECIFICATIONS (continued)
LongTermStability
MaxDR
<10W
10W -10M
Storage 125°C / 1000h
±1%
±0.5%
Storage 155°C / 1000h
±2%
±1%
Load Life / P=70% / 70°C / 1000h
±1%
±0.5%
Shorttermoverload
±0.5%
±0.25%
Humidity / 96%RH / 40°C / 56 days
±1%
±0.5%
Packaging:
BulkorBlistertapetoIEC60286-3
Tape width 8mm / Reel Diameter 180 or 330mm
Minimum quantity Bulk / 100 pieces per value
Minimum quantity Tape & Reel / 1000 pieces per value
CHR Series
Non-magneticChipResistors
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
Type
Dimensions
L
B
D
C
CHR 0402
0.040±0.006
[1.04±0.15 ]
0.020±0.006
[0.5±0.15]
0.012±0.002
[0.3±0.05]
0.004+0.004 / -0.002
[0.1+0.1 / -0.05]
CHR 0504
0.050+0.006 / -0.002
[1.25+0.15 / -0.05]
0.040+0.006 / -0.002
[1.0+0.15 / -0.05]
0.012+0.006 / -0.002
[0.3+0.15 / -0.05]
0.008+0.008 / -0.004
[0.2+0.2 / -0.1]
CHR 0603
0.060+0.006 / -0.002
[1.5+0.15 / -0.05]
0.030+0.008 / -0.002
[0.8+0.2 / -0.05]
0.016+0.006 / -0.002
[0.4+0.15 / -0.05]
0.008+0.008 / -0.004
[0.2+0.2 / -0.1]
CHR 0805
0.080+0.006 / -0.002
[2.0+0.15 / -0.05 ]
0.050+0.006 / -0.002
[1.25+0.15 / -0.05]
0.016+0.006 / -0.002
[0.4+0.15 / -0.05]
0.012+0.008 / -0.004
[0.3+0.2 / -0.1]
CHR 1206
0.126+0.006 / -0.002
[3.2+0.15 / -0.05]
0.060+0.008 / -0.002
[1.5+0.2 / -0.05]
0.016+0.006 / -0.002
[0.4+0.15 / -0.05]
0.012+0.008 / -0.004
[0.3+0.2 / -0.1]
Ordering Information
PartNumber-Resistance-Tolerance-TCR-Packaging
Example:CHR060310kOhms5%50ppmTape
( Note: if no TCR is specified, the highest value will be sup-
plied)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com