Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

129 Datasheet(PDF) 2 Page - Riedon Powertron

Part # 129
Description  Precision Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

129 Datasheet(HTML) 2 Page - Riedon Powertron

  129 Datasheet HTML 1Page - Riedon Powertron 129 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page4
1.02
SPECIFICATIONS (continued)
Specification
Value
Tolerances
±0.005%to±1%(SeeDeratingCurve)
Temperature Coefficient (Standard)
(downto1ppmonrequest)
>100W:±10ppm/K
10Wto100W:±20ppm/K
<10W:±30ppm/K
TemperatureRange
-55°Cto+145°C(SeeDeratingCurve)
Type
Commercial
Wattage
(Watts)
Maximum
Ohms
Minimum
Tolerance
(%)
Dimensions
Maximum
Working
Voltage
Diameter
±0.005”
[±0.13mm]
Length
±0.025”
[±0.64mm]
LeadDiameter1
±0.002”
[±0.05mm]
LeadSpacing
±0.015”
[±0.4mm]
100PC
0.125
500k
0.005
0.250[6.4]
0.375[9.5]
0.025[0.6]
0.150[3.8]
150
130PC
0.125
500k
0.250[6.4]
0.312[7.9]
0.025[0.6]
0.150[3.8]
150
131PC
0.125
500k
0.250[6.4]
0.312[7.9]
0.025[0.6]
0.200[5.1]
150
101PC
0.25
600k
0.250[6.4]
0.500[12.7]
0.025[0.6]
0.150[3.8]
150
120PC
0.40
800k
0.375[9.5]
0.500[12.7]
0.032[0.8]
0.200[5.1]
300
104PC
0.50
1M
0.500[12.7]
0.500[12.7]
0.032 [0.8]
0.025[0.6]
0.300[7.6]
400
1
Wheremorethanoneleadislisted/thetopvalueisStandard
LeadLength=1.00[25]Min.
PC Series
Type
Commercial
Wattage
(Watts)
Maximum
Ohms
Dimensions
Maximum
Working
Voltage
Width
±0.010”
[±0.25mm]
Height
±0.025”
[±0.64mm]
Length
±0.010”
[±0.25mm]
LeadDiameter1
±0.002”
[±0.05mm]
LeadSpacing
±0.015”
[±0.4mm]
SM-8
0.125
500k
0.140[3.6]
0.250[6.4]
0.270[6.9]
0.032[0.8]
0.125[3.2]
150
SM-9
0.250
750k
0.150[3.8]
0.270[6.9]
0.540[13.7]
0.032[0.8]
0.250[6.4]
150
SP5086
0.300
500k
0.102[2.6]
0.320[8.1]
0.300[7.6]
0.025[0.6]
0.150[3.8]
150
SP5232
0.500
1M
0.160[4.1]
0.525[13.3]
0.585[14.9]
0.032[0.8]
0.400[10.2]
150
1
LeadLength=1.00[25]Min.
Rectangular Series
Power Derating Curve
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
Ambient Temperature °C
1%/0.5%
/0.1%Tolerance
0.05%/0.02%
Tolerance
0.01%Tolerance
0.005%Tolerance
Notes: (ContactFactoryfortheseoptions)
Fast Rise Time -Theseresistorsareavailableina
lowreactancedesignforfastrisetimeandextended
frequencyresponse.
High Stability - These resistors are available in
a High Stability version with maximun resistance
changeof±20ppm/yearundernormalconditions.
High TC -TheseresistorsareavailableinHighTC
configurations. Standard TC’s are +2600 / +3850 /
+4500/+5000/and+6000ppm/K.
100 Series / SM Series / PC Series
PrecisionWirewoundResistors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com