Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100PC Datasheet(PDF) 1 Page - Riedon Powertron

Part # 100PC
Description  Precision Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

100PC Datasheet(HTML) 1 Page - Riedon Powertron

  100PC Datasheet HTML 1Page - Riedon Powertron 100PC Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page3
1.02
Type
Commercial
Wattage
(Watts)
MaximumOhms
Minimum
Tolerance
(%)
Dimensions
Maximum
Working
Voltage
Diameter
±0.005”
[±0.13mm]
Length
±0.025”
[±0.64mm]
LeadDiameter1
±0.002”
[±0.05mm]
SM-2
0.06
75k
0.005
0.100[2.5]
0.210[5.3]
0.020[0.5]
75
SM-3
0.08
150k
0.125[3.2]
0.260[6.6]
0.020 [0.5]
0.025[0.6]
100
SM-4
0.10
250k
0.125[3.2]
0.375[9.5]
0.020[0.5]
100
SM-13
0.10
250k
0.156[4.0]
0.312[7.9]
0.020[0.5]
100
SM-5
0.12
400k
0.187[4.7]
0.250[6.4]
0.025[0.6]
150
SM-6
0.15
500k
0.187[4.7]
0.295[7.5]
0.025[0.6]
150
139A
0.15
500k
0.250[6.4]
0.250[6.4]
0.025[0.6]
100
SM-15
0.175
750k
0.187[4.7]
0.375[9.5]
0.025 [0.6]
0.020[0.5]
200
SM-12
0.20
750k
0.187[4.7]
0.450[11.4]
0.025[0.6]
200
100
0.20
800k
0.250[6.4]
0.375[9.5]
0.032 [0.8]
0.025[0.6]
200
SM-7
0.25
1M
0.210[5.3]
0.465[11.8]
0.025[0.6]
250
101
0.25
1.2M
0.250[6.4]
0.500[12.7]
0.032 [0.8]
0.025[0.6]
300
102
0.33
2.5M
0.250[6.4]
0.750[19.1]
0.032 [0.8]
0.025[0.6]
400
120
0.40
3.8M
0.375[9.5]
0.500[12.7]
0.032[0.8]
300
121
0.50
3.8M
0.375[9.5]
0.750[19.1]
0.032[0.8]
400
129
0.75
10M
0.375[9.5]
1.000[25.4]
0.032[0.8]
600
106
1.00
12M
0.500[12.7]
1.000[25.4]
0.032[0.8]
800
107
1.50
15M
0.500[12.7]
1.500[38.1]
0.032[0.8]
900
108
2.00
25M
0.500[12.7]
2.000[50.8]
0.032[0.8]
1000
1
Wheremorethanoneleadislisted/thetopvalueisStandard
LeadLength=1.50[38]Min.
100 Series / SM Series / PC Series
Resistances to 25MOhms
Resistance Tolerances to ±0.005%
Temperature Coefficients of ±1 ppm/K
Power Ratings to 2W
100% Acceptance Tested / Traceable to NIST
Long Term Stability / 100ppm/year
Matched Resistance Sets to ±0.001% and ±0.5 ppm/K
•
•
•
•
•
•
•
SPECIFICATIONS
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:SM-625kOhms0.1%
PrecisionWirewoundResistors
Ordering Information


Similar Part No. - 100PC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
100PC RIEDON-100PC Datasheet
318Kb / 2P
Precision Wirewound Resistors
100PC RIEDON-100PC Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
Bourns Electronic Solut...
100PC BOURNS-100PC Datasheet
525Kb / 3P
1xxPC Series - Riedon™ Precision Radial Wirewound Resistors by Bourns
REV. 09/25
100PC-1K5V1 BOURNS-100PC-1K5V1 Datasheet
525Kb / 3P
1xxPC Series - Riedon™ Precision Radial Wirewound Resistors by Bourns
REV. 09/25
100PC-1K5W1 BOURNS-100PC-1K5W1 Datasheet
525Kb / 3P
1xxPC Series - Riedon™ Precision Radial Wirewound Resistors by Bourns
REV. 09/25
More results

Similar Description - 100PC

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MA207P-R100-F RCD-MA207P-R100-F Datasheet
42Kb / 1P
ULTRA PRECISION WIREWOUND RESISTORS
logo
Token Electronics Indus...
BWW1W100RBCP TOKEN-BWW1W100RBCP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
logo
Vishay Siliconix
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
PAC VISHAY-PAC Datasheet
123Kb / 8P
Cemented Wirewound Precision Resistors
06-Nov-14
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM15-250RB RIEDON-SM15-250RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-500RX RIEDON-SM10-500RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com