Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRS0805 Datasheet(PDF) 1 Page - Riedon Powertron

Part # CRS0805
Description  Thick Film Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CRS0805 Datasheet(HTML) 1 Page - Riedon Powertron

  CRS0805 Datasheet HTML 1Page - Riedon Powertron CRS0805 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powertron GmbH PotsdamerStrasse18a D-14513Teltow
+49(0)33283530-0
+49(0)33283530-15
ARiedonCompany
www.powertron.de
Page14
1.01
Type
0504
0603
0805
1206
Power Rating ( W )1
0.10
0.10
0.125
0.25
Working
Voltage
( VAC )
Trimmed
50
75
100
200
Untrimmed
150
220
300
600
Resistance Range
( W )
TolerancesAvailable(%)
Temperature Coefficients Available ( ± ppm/K )2(lowerTCRuponrequest)
0.1W - <1W
-
10%to20%
250
5%to20%
250
5%to20%
250
1W - <10W
5%to20%
100 / 250
5%to20%
100 / 250
2%to20%
100 / 250
2%to20%
100 / 250
10W - <100W
2%to10%
100
1%to10%
100
1%to10%
50 / 100
1%to10%
50 / 100
100W - 1M
1%to10%
50 / 100
1%to10%
50 / 100
0.5%to10%
50 / 100
0.5%to10%
50 / 100
>1M - 10M
1%to10%
50 / 100
1%to10%
50 / 100
0.5%to10%
50 / 100
0.5%to10%
50 / 100
>10M - 100M
2%to20%
100 / 250
1%to20%
50 / 100
0.5%to20%
50 / 100
0.5%to20%
50 / 100
>100M - 500M
-
5%to20%
100 / 250
2%to20%
100 / 250
2%to20%
100 / 250
CRS Series
Resistances from 0.1Ohm to 500MOhms
Power Rating 0.1 to 0.25Watt
Resistance Tolerances to ± 0.5%
TCR’s to ± 50 ppm/K
Thick Film Resistance Element
Sizes: 0504 / 0603 / 0805 / 1206
•
•
•
•
•
•
SPECIFICATIONS
ThickFilmChipResistors
1
W @ 70 °C / 0W @ 155 °C
2
50PPM:+25°Cto+125°C
Specification
Value
TemperatureRange
-55°Cto+155°C
ClimacticCetegory
55 / 155 / 56
Solderability
250°C / 3s
Max.SolderingTemperature
260°C / 10s


Similar Part No. - CRS0805

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CRS0805 WILLOW-CRS0805 Datasheet
255Kb / 2P
Miniature/Standard Chip Resistors
logo
RHOPOINT COMPONENTS
CRS0805 RHOPOINT-CRS0805 Datasheet
46Kb / 2P
Standard Chip Resistors
logo
Riedon Powertron
CRS0805 RIEDON-CRS0805 Datasheet
176Kb / 2P
Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CRS0805 BOURNS-CRS0805 Datasheet
370Kb / 4P
High Power Anti-Surge Chip Resistor
logo
Willow Technologies Ltd
CRS0805100K WILLOW-CRS0805100K Datasheet
255Kb / 2P
Miniature/Standard Chip Resistors
More results

Similar Description - CRS0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPFX1202 ROHM-MCR03EZPFX1202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com