Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 101
Description  0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

101 Datasheet(HTML) 1 Page - STMicroelectronics

  101 Datasheet HTML 1Page - STMicroelectronics 101 Datasheet HTML 2Page - STMicroelectronics 101 Datasheet HTML 3Page - STMicroelectronics 101 Datasheet HTML 4Page - STMicroelectronics 101 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
January, 22 2002
STB7101
0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
SOT323-6L (SC70)
ORDER CODE
STB7101
BRANDING
101
1
2
3
6
5
4
(Bottom View)
6
5
4
1
2
3
(Top View)
PIN CONNECTION
Pin No.
Pin Name
1GND
2GND
3
INPUT
4VCC
5GND
6
OUTPUT
• OPERATING FREQUENCY 900-1900MHz
• OUTPUT POWER 9.8dBm typ. @ 900MHz
7.5dBm typ. @ 1900MHz
• POWER GAIN GP = 20.3dB typ. @ 900MHz
GP = 20.5dB typ. @ 1900MHz
APPLICATIONS
PA driver for cellular applications
DESCRIPTION
The STB7101, designed for cellular applications
(0.9/1.9GHz), uses a 20 GHz FT silicon bipolar
process. This IC is a wide range amplifier operating
from
900MHz
to
1900MHz,
in
the
overall
frequencies range the gain flatness is less than 1
dB. The STB7101 is housed in a very small SMD
package SOT323-6L.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Value
Unit
Vcc
Supply voltage
Ta = +25
oC, pin 4 and 6
4.5
V
Tstg
Storage temperature
-55 to +150
oC
Ta
Operating ambient temperature
-40 to +85
oC
Pin
Input power
Ta= +25
oC
10
dBm


Similar Part No. - 101

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101 RIEDON-101 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Productwell Precision E...
101 PRODUCTWELL-101 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
101 ETC2-101 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Silicon Laboratories
101 SILABS-101 Datasheet
452Kb / 13P
NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
101 SILABS-101 Datasheet
431Kb / 14P
ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - 101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
1.9GHz BAND AMPLIFIER MMIC
logo
Toshiba Semiconductor
TA4009F TOSHIBA-TA4009F Datasheet
139Kb / 4P
1.9GHz BAND PRE AMPLIFIER APPLICATION
TG2002V TOSHIBA-TG2002V Datasheet
217Kb / 6P
1.9GHz BAND POWER AMPLIFIER MODULE (PHS DIGITAL CORDLESS TELEPHONE)
TG2006F TOSHIBA-TG2006F Datasheet
204Kb / 5P
1.9GHz BAND POWER AMPLIFIER PHS, DIGITAL CORDLESS TELECOMMUNICATION
logo
List of Unclassifed Man...
CMM2305 ETC-CMM2305 Datasheet
207Kb / 2P
800 TO 2700 MHZ BROAD BAND DRIVER AMPLIFIER
logo
Panasonic Semiconductor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
logo
List of Unclassifed Man...
RMDA1840 ETC-RMDA1840 Datasheet
389Kb / 7P
18-40 GHz Broad Band Driver Amplifier MMIC
logo
DAICO Industries, Inc.
CAMH9223 DAICO-CAMH9223 Datasheet
228Kb / 1P
L-Band Pre-Amplifier
logo
AVX Corporation
AVXGX AVX-AVXGX Datasheet
197Kb / 2P
Ultra Broad Band Capacitor
logo
Maxim Integrated Produc...
MAX2248 MAXIM-MAX2248 Datasheet
433Kb / 9P
1.9GHz Power Amplifier
Rev 1; 8/17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com