Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX216C Datasheet(PDF) 1 Page - Fox Electronics

Part # FX216C
Description  Ceramic SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX216C Datasheet(HTML) 1 Page - Fox Electronics

  FX216C Datasheet HTML 1Page - Fox Electronics FX216C Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
2.0 ± 0.1
0.35±0.05
0.95
0.85
0.5
0.3
Solder Pad Layout
Recommended
1.6 ± 0.1
0.64
0.5
0.47
0.60
0.08
Top
View
Bottom
View
#1
#2
#4
#3
#4
#3
#2
#1
Ceramic SMD Crystal
Rev. 7/15/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FX216C Series
Page 1 of 2
FEATURES
• Low Cost
• Fundamental to 54 MHz
• Tape and Reel (1,000 pcs. STD)
All dimensions are in millimeters.
1 Other tolerances, stabilities & operating temperature ranges available.
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
24.000 ~ 54.000 MHz
±50 PPM1
±50 PPM1
-10ºC ~ +60ºC1
-40ºC ~ +85ºC
5.0 pF
8 pF ~ Series
(Customer Specified)
10uW typ.
100uW
±5 PPM
260ºC / 10 Seconds
1
Au
• STANDARD SPECIFICATIONS1
MAX (unless otherwise noted)
24.000 ~ 54.000
FX216C
Model Number
Part Number
617C-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
Frequency Range (MHz)
24.000 ~ 29.999
29.999+ ~ 35.999
35.999+ ~ 54.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
100
80
60
Operating Mode
Max ESR
Ω
Note: Dimensional drawing is for reference to critical specifications defined by size measure-
ments. Certain non-critical visual attributes, such as side castellations, etc. may vary.
The above specifications, having been carefully prepared and checked, is believed to be ac-
curate at the time of publication; however, no responsibility is assumed by Fox Electronics for
inaccuracies
.
Pin Connections
#1 Crystal
#3 Crystal*
#2 NC
#4 Lid (GND)
*For proper operation, Pin 4 must be connected to GND.


Similar Part No. - FX216C

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX216B FOX-FX216B Datasheet
141Kb / 1P
CERAMIC SMD CRYSTAL
More results

Similar Description - FX216C

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
Ceramic SMD Crystal
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
CERAMIC SMD CRYSTAL
11.8.2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com