Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB7103 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB7103
Description  0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7103 Datasheet(HTML) 2 Page - STMicroelectronics

  STB7103 Datasheet HTML 1Page - STMicroelectronics STB7103 Datasheet HTML 2Page - STMicroelectronics STB7103 Datasheet HTML 3Page - STMicroelectronics STB7103 Datasheet HTML 4Page - STMicroelectronics STB7103 Datasheet HTML 5Page - STMicroelectronics STB7103 Datasheet HTML 6Page - STMicroelectronics STB7103 Datasheet HTML 7Page - STMicroelectronics STB7103 Datasheet HTML 8Page - STMicroelectronics STB7103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STB7102, STB7103, STB7104
2/10
Pin No.
Pin Name
1
INPUT
2GND
3GND
4
OUTPUT
5GND
6VCC
3
2
1
4
5
6
(Bottom View)
4
5
6
3
2
1
(Top View)
PIN CONNECTION
PRODUCT LINE-UP
Part Number
Icc (mA)
950 MHz output port
matching frequency
Gp at 1dB (dB)
ISL (dB)
P1dBout (dBm)
STB7102
4.3
15.5
45
0
STB7103
4.1
17.5
45
1.5
STB7104
2.8
17
45
-0.25
IQ
Demodulator
RF
Mixer
LNA
SAW
Filter
IF
Filter
X
X
RF PLL
RF PLL
Lo Buffer
Amplifier
IF
Amp
AGC
Duplexer
ADC
IF PLL
IF PLL
IF Buffer
I
X
X
X
X
Q
ADC
Receiver section
These ICs can be added to your system around
parts, when you need more isolation or gain.
The application showed above is only an example therefore it can depend on your kit evaluation.
Duplexer
RF
Mixer
X
RF PLL
Lo Buffer
Amplifier
RF
Filter
IF
Amp
IF
Filter
DAC
I
Q
DAC
IQ
Modulator
IF PLL
IF Buffer
X
X
AGC
PA
Duplexer
RF
Mixer
X
RF PLL
Lo Buffer
Amplifier
RF
Filter
IF
Amp
IF
Filter
DAC
I
Q
DAC
IQ
Modulator
IF PLL
IF Buffer
X
X
RF
Mixer
X
RF PLL
Lo Buffer
Amplifier
RF
Filter
RF
Mixer
X
X
RF PLL
RF PLL
Lo Buffer
Amplifier
RF
Filter
RF
Filter
RF
Filter
IF
Amp
IF
Filter
DAC
I
Q
DAC
IQ
Modulator
IF PLL
IF Buffer
X
X
IF
Filter
DAC
I
Q
DAC
IQ
Modulator
IF PLL
IF Buffer
X
X
DAC
I
Q
DAC
IQ
Modulator
IF PLL
IF Buffer
X
X
IQ
Modulator
IF PLL
IF Buffer
X
X
IF PLL
IF PLL
IF Buffer
X
X
X
X
AGC
PA
Transmission section
Example of a digital cellular phone (Receiver and Transmission section)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com