Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB75NE75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB75NE75
Description  N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75NE75 Datasheet(HTML) 1 Page - STMicroelectronics

  STB75NE75 Datasheet HTML 1Page - STMicroelectronics STB75NE75 Datasheet HTML 2Page - STMicroelectronics STB75NE75 Datasheet HTML 3Page - STMicroelectronics STB75NE75 Datasheet HTML 4Page - STMicroelectronics STB75NE75 Datasheet HTML 5Page - STMicroelectronics STB75NE75 Datasheet HTML 6Page - STMicroelectronics STB75NE75 Datasheet HTML 7Page - STMicroelectronics STB75NE75 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STB75NE75
N - CHANNEL 75V - 0.01
Ω - 75A - D2PAK
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.01
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
FOR THROUGH-HOLE VERSION CONTACT
SALES OFFICE
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
SOLENOID AND RELAY DRIVERS
s
DC MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
®
INTERNAL SCHEMATIC DIAGRAM
March 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
75
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)75
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC75
A
ID
Drain Current (continuous) at Tc =100
oC53
A
IDM (
•)
Drain Current (pulsed)
300
A
Ptot
T otal Dissipat ion at Tc =25
oC
160
W
Derating Factor
1.06
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 75 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STB75NE75
75 V
<0.013
Ω
75 A
1
3
D
2PAK
TO-263
(suffix ”T4”)
1/8


Similar Part No. - STB75NE75

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB75NE75 ISC-STB75NE75 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB75NE75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET™ POWER MOSFET
Feb-2002
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
01-Oct-2000
STB80NF55L-06 STMICROELECTRONICS-STB80NF55L-06 Datasheet
85Kb / 8P
N - CHANNEL 55V - 0.005 ohm - 80A D2PAK STripFET POWER MOSFET
Oct-1999
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001
STP75NE75 STMICROELECTRONICS-STP75NE75 Datasheet
106Kb / 9P
N - CHANNEL 75V - 0.01ohm - 75A TO-220/TO-220FP STripFET POWER MOSFET
May-1999
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Nov-2001
STB75NH02L STMICROELECTRONICS-STB75NH02L Datasheet
319Kb / 8P
N-CHANNEL 24V - 0.0062W -75A - D2PAK STripFET™ III POWER MOSFET
Jul-2003
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
13-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com