Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49SSLF Datasheet(PDF) 1 Page - Fox Electronics

Part # HC49SSLF
Description  Resistance Weld Low Profile Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC49SSLF Datasheet(HTML) 1 Page - Fox Electronics

  HC49SSLF Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
OPTIONS
• Mylar Spacer (Leaded)
• Tape and Reel (1,000pcs. STD)
• SMD Version available (HC49SSDLF)
FEATURES
• Very Low Profile
• Fundamental to 30 MHz
• "AT Strip"
• Standard Footprint
1 Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements.
2 Crystal has a
±50ppm tolerance specification for all standard part numbers.
All specifications subject to change without notice.
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
6.000 ~ 70.000 MHz
±50 PPM1,2
±50 PPM1
20ºC ~ +70ºC1
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.5 mW
• STANDARD SPECIFICATIONS1
MAX (unless otherwise noted)
6.000 ~ 70.000
HC49SSLF
Model Number
Part Number
279LF-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
Frequency Range (MHz)
Resistance Weld Low Profile Crystal
Rev. 2/7/2007
Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49SSLF
Page 1 of 1
6.000 ~ 7.000
7.000+ ~ 9.000
9.000+ ~ 13.000
13.000+ ~ 20.000
20.000+ ~ 30.000
30.000+ ~ 70.000
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
100
80
60
40
30
100
Operating Mode
Max ESR
Frequency Range
(MHz)
All dimensions are in millimeters.
TERMINATION FINISH: Sn/3.0Ag/0.5Cu


Similar Part No. - HC49SSLF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SSD FOX-HC49SSD Datasheet
71Kb / 1P
RESISTANCE WELD SMD CRYSTAL
HC49SSDLF FOX-HC49SSDLF Datasheet
176Kb / 2P
SMD Resistance Weld Crystal
More results

Similar Description - HC49SSLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HHS2700F-20-SM ETC2-HHS2700F-20-SM Datasheet
47Kb / 1P
RESISTANCE WELD CRYSTAL
logo
Fox Electronics
HC49SPX FOX-HC49SPX Datasheet
77Kb / 1P
RESISTANCE WELD LOW PROFILE CRYSTAL
logo
Vanlong Technology Co.,...
HC49L VANLONG-HC49L Datasheet
34Kb / 1P
Low Profile Resistance Weld Crystal
HC49LD VANLONG-HC49LD Datasheet
35Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49S VANLONG-HC49S Datasheet
32Kb / 1P
Low Profile Resistance Weld Crystal
HC49SD VANLONG-HC49SD Datasheet
35Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49L VANLONG-HC49L_13 Datasheet
31Kb / 1P
Low Profile Resistance Weld Crystal
HC49LD VANLONG-HC49LD_13 Datasheet
42Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49S VANLONG-HC49S_13 Datasheet
46Kb / 1P
Low Profile Resistance Weld Crystal
HC49SD VANLONG-HC49SD_13 Datasheet
42Kb / 1P
Low Profile SM Resistance Weld Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com