Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 6 Page - STMicroelectronics

Part # TBD
Description  0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TBD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TBD Datasheet HTML 2Page - STMicroelectronics TBD Datasheet HTML 3Page - STMicroelectronics TBD Datasheet HTML 4Page - STMicroelectronics TBD Datasheet HTML 5Page - STMicroelectronics TBD Datasheet HTML 6Page - STMicroelectronics TBD Datasheet HTML 7Page - STMicroelectronics TBD Datasheet HTML 8Page - STMicroelectronics TBD Datasheet HTML 9Page - STMicroelectronics TBD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STB7102, STB7103, STB7104
6/10
TYPICAL PERFORMANCE
(STB7103)
Output Power @ 1dB compression point
15
16
17
18
19
20
-11 -1 0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
Pout (d Bm )
P 1dB c p
+ 1.5 4 dB m
Power Gain vs. Frequency
0
2
4
6
8
10
12
14
16
18
20
80 0
8 50
900
95 0
1000
1050
1100
1150
1200
f (MHz )
Reverse Isolation vs. Frequency
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
800
850
900
950
1000
1050
1100
1150
1200
f (MHZ)
Output Return Loss vs. Frequency
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
5
10
800
850
900
9 5 0
1000
1050
1100
1 150
1200
f ( Mh z)
Noise Figure vs. Frequency
1
1.5
2
2.5
3
3.5
4
800
850
900
950
1000
1050
1100
1150
1200
f (Mh z)
Input Return Loss vs. Frequency
-3 5
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
800
850
900
950
1000
1050
1100
1150
1200
f ( Mh z)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com