Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS15ATR Datasheet(PDF) 1 Page - Fox Electronics

Part # VCS15ATR
Description  VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

VCS15ATR Datasheet(HTML) 1 Page - Fox Electronics

  VCS15ATR Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
65
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
FEATURES
• 5.0 Volt VDD
• HCMOS
• Enable/Disable
• Many Stability/Pullability Options
• -40 ~ +85ºC Temp Range Option
VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCSAT SERIES
The Fox VCS Series VCXO is an SMD, tight stability, voltage
controlled oscillator available in a wide range of stability and
pullability options. It is intended to be a general purpose VCXO
with minimum utilization of board space.
All dimensions are in millimeters.
See page 74 for tape and reel specifications.
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION 4
Pin 2
OPEN
³ 2.2 V
£ 0.8 V
1
Inclusive of 25°C tolerance, operating temperature range, input voltage change,load change,
aging, shock, vibration, and Vc=2.5V.
2
Available on an individual inquiry basis
3
Custom specifications from 52.000 to 77.760MHz available on an individual inquiry basis.
Note: An alternative pin connection with E/D on pin #5 is available.
All specifications subject to change without notice. Rev. 11/26/01
±25***
±50
±25
±50
±100
±50
±50
±100
±100
±100
-40°C~+85°C
VCS12ATR2
VCS15ATR
VCS22ATR2
VCS25ATR
VCS20ATR
-10°C~+70°C
VCS12AT
VCS15AT
VCS22AT
VCS25AT
VCS20AT
• MODEL SELECTION
Model Number
Stability
(PPM)(MAX)1
Pullability
(PPM) (MIN)
Vc = 2.5 ±2.0V
MIN
1.000
-10
-40
-40
+4.75
+0.5
40
4.5
-10
20
UNITS
MHz
ºC
V
V
mA
%
nS
V
mA
TTL
pF
mS
nS
%
kHz
MAX
52.000 3
77.760
+70
+85
+85
+5.25
+4.5
20
30
40
60
60
5
5
0.5
16.0
-4.0
10
15
10
100
+10
PARAMETERS
Frequency Range
(Fo)
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Supply Voltage
(VDD)
Control Voltage
(Vc)
Input Current
(IDD)
Output Symmetry
Rise Time
(TR)
FallTime
(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
Start-up Time
(TS)
Enable/Disable Time 4
Frequency Linearity
Modulation Bandwidth
• ELECTRICAL CHARACTERISTICS (VDD = 5.0V, CL = 15pF)
CONDITIONS
2.5V
1.0V ~ 4.0V
4.0V ~ 1.0V
IOL = 16.0 mA
IOH = -4.0 mA
VOL = 0.5V
VOH = 4.5V
TTL
HCMOS
FREQUENCY RANGE
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 18.000
18.000+ ~ 36.000
36.000+ ~ 52.000
52.000+ ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760
1.000 ~ 77.760


Similar Part No. - VCS15ATR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
VCS15AXT FOX-VCS15AXT Datasheet
122Kb / 1P
3.3V LOW PROFILE SMD VCXO
VCS15AXTR FOX-VCS15AXTR Datasheet
122Kb / 1P
3.3V LOW PROFILE SMD VCXO
More results

Similar Description - VCS15ATR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
F5000 FOX-F5000 Datasheet
218Kb / 1P
VCXO SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com