Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3814 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3814
Description  Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3814 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3814 Datasheet HTML 1Page - National Semiconductor (TI) LM3814 Datasheet HTML 2Page - National Semiconductor (TI) LM3814 Datasheet HTML 3Page - National Semiconductor (TI) LM3814 Datasheet HTML 4Page - National Semiconductor (TI) LM3814 Datasheet HTML 5Page - National Semiconductor (TI) LM3814 Datasheet HTML 6Page - National Semiconductor (TI) LM3814 Datasheet HTML 7Page - National Semiconductor (TI) LM3814 Datasheet HTML 8Page - National Semiconductor (TI) LM3814 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
Order No.
#
Sense
Range
Sampling
Interval*
Sensing
Method
NS
Package
Number
‡
Package
Type
Supplied As:
LM3814M-1.0
±1A
6 ms
High-side
M08A
SO-8
95 units in Rails
LM3814MX-1.0
±1A
6 ms
High-side
M08A
SO-8
2.5k units on Tape and Reel
LM3814M-7.0
±7A
6 ms
High-side
M08A
SO-8
95 units in Rails
LM3814MX-7.0
±7A
6 ms
High-side
M08A
SO-8
2.5k units on Tape and Reel
LM3815M-1.0
±1A
6 ms
Low-side
M08A
SO-8
95 units in Rails
LM3815MX-1.0
±1A
6 ms
Low-side
M08A
SO-8
2.5k units on Tape and Reel
LM3815M-7.0
±7A
6 ms
Low-side
M08A
SO-8
95 units in Rails
LM3815MX-7.0
±7A
6 ms
Low-side
M08A
SO-8
2.5k units on Tape and Reel
# Suffix M indicates that the part is available in Surface
Mount package. Suffix X indicates that the part is available in
2.5k units on Tape and Reel.
* Current is sampled over a fixed interval. The average
current during this interval is indicated by the duty cycle of
the PWM output during next interval.
‡ The Package code M08A is internal to National Semicon-
ductor and indicates an 8-lead surface mount package,
SO-8.
Pin Description (High-Side, LM3814)
Pin Description (High-Side, LM3814)
Pin
Name
Function
1
SENSE+, V
DD
High side of internal current sense, also supply voltage.
2
SENSE−
Low side of internal current sense.
3
FLTR+
Filter input — provides anti-aliasing for delta sigma modulator.
4
FLTR−
Filter input.
5SD
Shutdown pin. Connected to V
DD through a pull up resistor for normal operation. When
low, the IC goes into a low current mode (typically 3 µA).
6
PWM
PWM output indicates the current magnitude and direction.
7
GND
Ground
8
GND
Ground
Pin Description (Low-Side, LM3815)
Pin Description (Low-Side, LM3815)
Pin
Name
Function
1
SENSE+, GND
High side of internal current sense, also ground.
2
SENSE−
Low side of internal current sense.
3
FLTR+
Filter input – provides anti-aliasing for delta sigma modulator.
4
FLTR−
Filter input.
5SD
Shutdown pin. Connected to V
DD through a pull up resistor for normal operation. When
low, the IC goes into a low current mode (typically 3 µA).
6
PWM
PWM output indicates the current magnitude and direction.
7
GND
Ground
8V
DD
V
DD (supply)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com