Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB7104 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB7104
Description  0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7104 Datasheet(HTML) 3 Page - STMicroelectronics

  STB7104 Datasheet HTML 1Page - STMicroelectronics STB7104 Datasheet HTML 2Page - STMicroelectronics STB7104 Datasheet HTML 3Page - STMicroelectronics STB7104 Datasheet HTML 4Page - STMicroelectronics STB7104 Datasheet HTML 5Page - STMicroelectronics STB7104 Datasheet HTML 6Page - STMicroelectronics STB7104 Datasheet HTML 7Page - STMicroelectronics STB7104 Datasheet HTML 8Page - STMicroelectronics STB7104 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STB7102, STB7103, STB7104
(Ta = +25
oC, Vcc = 3V, Zs = ZL = 50Ω, unless otherwise specified)
ELECTRICAL CHARACTERISTICS
Symbol
Parameters
Test
Conditions
STB7102 (1)
STB7103 (2)
STB7104 (2)
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Icc
Circuit Current
f = 950 MHz
3.3
4.3
5.3
3.3
4.1
4.9
2.2
2.8
3.4
mA
P1dB
Output Power at 1dB
Compression Point
f = 950 MHz
0
1.5
-0.25
dBm
GP
Gain at 1dB
Compression Point
f = 950 MHz
15.5
17.5
17
dB
NF
Noise Figure
f = 950 MHz
3
2.85
3.3
dB
ISL
Isolation
f = 950 MHz
45
45
45
dB
RLin
Input Return Loss
f = 950 MHz
8
10
7
dB
RLout
Output Return Loss
f = 950 MHz
20
7
7
dB
(2) STB7103 and STB7104 data are measured in TEST CIRCUIT showed in page 8
(1) STB7102 data are measured in TEST CIRCUIT showed in page 5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com