Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9178 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9178
Description  200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9178 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9178 Datasheet HTML 1Page - Richtek Technology Corporation RT9178 Datasheet HTML 2Page - Richtek Technology Corporation RT9178 Datasheet HTML 3Page - Richtek Technology Corporation RT9178 Datasheet HTML 4Page - Richtek Technology Corporation RT9178 Datasheet HTML 5Page - Richtek Technology Corporation RT9178 Datasheet HTML 6Page - Richtek Technology Corporation RT9178 Datasheet HTML 7Page - Richtek Technology Corporation RT9178 Datasheet HTML 8Page - Richtek Technology Corporation RT9178 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9178
5
DS9178-16 April 2008
www.richtek.com
Typical Operating Characteristics
Dropout Voltage vs. Load Current
0
0.05
0.1
0.15
0.2
0.25
0.3
0
25
50
75
100
125
150
175
200
Load Current (mA)
TJ = 25
° C
TJ = -35
° C
TJ = 125
° C
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
PSRR
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
TA = -35
°C
1mA
100mA
(°C)
PSRR
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
TA = 25
°C
1mA
100mA
Quiescent Current vs. Temperature
70
75
80
85
90
95
100
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
Output Voltage vs. Temperature
2.5
2.7
2.9
3.1
3.3
3.5
-35
-15
5
25
45
65
85
105
125
Temperature
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
Line Transient Response
Time (500us/Div)
VIN = 3.2 to 3.8V
CBP = 10nF
3.8
3.2
20
0
-20
CIN = 1uF
COUT = 10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com