Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR4DM Datasheet(PDF) 1 Page - Tyco Electronics

Part # SR4DM
Description  General Purpose Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR4DM Datasheet(HTML) 1 Page - Tyco Electronics

  SR4DM Datasheet HTML 1Page - Tyco Electronics SR4DM Datasheet HTML 2Page - Tyco Electronics SR4DM Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Safety Relay SR4 D/M
I 4 pole safety relay with either
2 NO+2 NC or 3 NO+1 NC contacts
I Forcibly guided contacts according to EN 50205
I Rated current 8 A
I Very small outlines
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0407
Applications
Emergency shut-off, machine control, elevator and escalator
control, light barrier control
F0244-A
Approvals
V REG.-Nr. 40005334, Z E214024, T 968/EL 230.00/03
Technical data of approved types on request
Contact data
Contact configuration
3 N/O contacts and 1 N/C contact
or
2 N/O contacts and 2 N/C contacts
Contact set
single contact, forcibly guided
type A according to EN 50205
Type of interruption
micro disconnection
Rated current
8 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
2000 VA
Utilization class (AC-15) acc. IEC 60947-5-1
NO contact
Ie 3A/Ue 250 VAC (inrush 30 A)
NC contact
Ie 1.5A/Ue 250 VAC (inrush 15 A)
Contact material
AgSnO2
Minimum contact load
10 mA / 5 V
Contact resistance
w 100 mOhm / 1 A / 24 VDC
w 20 Ohm / 10 mA / 5 VDC
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
6 min-1 / 150 min-1
Coil data
Rated coil voltage range DC coil
5...110 VDC
Coil power DC coil
appr. 800 mW
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.8
0.5
31+10%
806
006
6
4.5
0.6
45+10%
800
009
9
6.8
0.9
101+10%
802
012
12
9.0
1.2
180+10%
800
015
15
11.3
1.5
281+10%
801
018
18
13.5
1.8
405+10%
800
021
21
15.8
2.1
551+10%
800
024
24
18.0
2.4
720+10%
800
036
36
27.0
3.6
1620+10%
800
040
40
30.0
4.0
2000+10%
800
048
48
36.0
4.8
2880+10%
800
060
60
45.0
6.0
4500+10%
800
085
85
63.8
8.5
9031+10%
800
110
110
82.5
11.0
15125+10%
800
All figures are given for coil without preenergization, at ambient temperature +23°C


Similar Part No. - SR4DM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR4DM MACOM-SR4DM Datasheet
220Kb / 3P
Safety Relay SR4 D/M
SR4DM MACOM-SR4DM_09 Datasheet
220Kb / 3P
Safety Relay SR4 D/M
More results

Similar Description - SR4DM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
General Purpose Relays
logo
Tyco Electronics
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
General Purpose Relays Industrial Relays
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
General Purpose Relays Industrial Relays
Rev. 0522
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com