Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBH Datasheet(PDF) 2 Page - Tyco Electronics

Part # PBH
Description  Miniature Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PBH Datasheet(HTML) 2 Page - Tyco Electronics

  PBH Datasheet HTML 1Page - Tyco Electronics PBH Datasheet HTML 2Page - Tyco Electronics PBH Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
2
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB Relay PBH 105°C (Continued)
Insulation
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit CO version
W 3/4 mm
NO version
W 4/5 mm
Material group of insulation parts
IIIa
Tracking index of relay base
CTI 250
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230/400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0346
Flammability class according to UL94
V-0
GWFI to IEC 60335-1
W 850°C
GWIT to IEC 60335-1
W 775°C
Ambient temperature range
-20...105°C
Operate- / release time
< 20 ms
Bounce time
NO / NC contact
< 15 ms
Vibration resistance (function) NO / NC contact
>10/4g, 30...400Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
pcb
Resistance to soldering heat
270°C / 10 s
Relay weight
5.4 g
Packaging unit
35/1050 pcs
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0407-AA
S0407-AB
S0407-AC
S0406-A
1) Layout note:
No openings (e.g. holes, slots, cutouts,
unused pins, open through connexions,
etc.) allowed under the relay base. The
relay base must be fully covered by the
pcb, recommended minimum distance
between the relay and the edge of the
printed circuit board is 5 mm.
For more information, please contact our
application support.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com