Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCD
Description  Low Profile PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCD Datasheet(HTML) 1 Page - Tyco Electronics

  PCD Datasheet HTML 1Page - Tyco Electronics PCD Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Low Profile PCB Relay PCD
I 1 pole 10 A
I 1 NO contact
I Low coil power 200 mW
I Height 10.2 mm
I Wash tight
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0424 (DT)
Applications
Domestic appliances, coffeee machines, irons, office equipment
F0154-C
Approvals
Z E82292
Technical data of approved types on request
Contact data
Contact configuration
1 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
10 A
Rated voltage / max.switching voltage AC
240/400 VAC
Limiting continuous current
10 A
Maximum breaking capacity AC
2500 VA
Contact material
AgSnO2, AgCdO
Mechanical endurance
>10x106 cycles
Rated frequency of operation with / without load
10/300 min-1
Contact ratings
Type
Load
Cycles
PCD-1...D2(H) 10 A, 250 VAC, resistive, UL
6x103
PCD-1...D2(H) 5 A, 250 VAC, resistive, 70 °C, UL
6x103
PCD-1...D2(H) 10 A, 277 VAC, resistive, 70°C, TÜV
10x104
Coil data
Rated coil voltage range DC coil
3 ... 48 VDC
Coil power DC coil
200 mW
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
006
6
4.5
0.3
180+10%
200
012
12
9.0
0.6
720+10%
200
024
24
18.0
1.2
2880+10%
200
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PCD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCD MACOM-PCD Datasheet
77Kb / 2P
15 Amp Low Profile Power PC Board Relay
logo
Picker Components
PCD PICKER-PCD Datasheet
197Kb / 4P
10 to 40 amp output
logo
Molex Electronics Ltd.
PCD-01000-0C MOLEX-PCD-01000-0C Datasheet
110Kb / 1P
FEATURES AND SPECIFICATIONS
PCD-01000-0E MOLEX-PCD-01000-0E Datasheet
110Kb / 1P
FEATURES AND SPECIFICATIONS
PCD-01000-0H MOLEX-PCD-01000-0H Datasheet
110Kb / 1P
FEATURES AND SPECIFICATIONS
More results

Similar Description - PCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4509 ETC-HG4509 Datasheet
443Kb / 2P
LOW PROFILE MINIATURE PCB POWER RELAY
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
Low Profile Minature PCB Power Relay
logo
Tyco Electronics
PCD MACOM-PCD_09 Datasheet
168Kb / 2P
Low Profile PCB Relay PCD
PCD-124D2M MACOM-PCD-124D2M Datasheet
169Kb / 2P
Low Profile PCB Relay PCD
logo
Picker Components
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
Low Profile Minature PCB Power Relay
PC375L PICKER-PC375L_14 Datasheet
82Kb / 2P
Low Profile Latching PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_15 Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_17 Datasheet
438Kb / 3P
Low Profile PCB Power Relay
PC375L PICKER-PC375L_17 Datasheet
501Kb / 2P
Low Profile Latching PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com