Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPII1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RPII1
Description  Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RPII1 Datasheet(HTML) 2 Page - Tyco Electronics

  RPII1 Datasheet HTML 1Page - Tyco Electronics RPII1 Datasheet HTML 2Page - Tyco Electronics RPII1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. GK1
Issued 2007/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
Power PCB Relay RP II/1 (Continued)
2
SCHRACK
Insulation
Dielectric strength
coil-contacts
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage
8 / 8 mm
Insulation to IEC 61810-1
Voltage rating
250 V
Pollution degree
3
Overvoltage category
III
Insulation to VDE 0110b (2/79)
Insulation category / reference voltage
C / 250
Other data
RoHS - Directive 2002 / 95 / EC
compliant as per product date code 0404
Ambient temperature
-40...+70 °C
Mechanical life
30x106 operations
Max. switching rate at rated- / minimum load
10 min-1 / 1200 min-1
Operate- / release time
typ. 8 / 2 ms
Bounce time N/O contact/N/C contact
typ. 2 / 4 ms
Vibration resistance N/O contact/N/C contact
>10 / 2 g, 30...300 Hz
Shock resistance (destruction)
100 g
Category of protection (IEC 61810)
RT II - flux proof, RT III - wash tight
Relay weight
18 g
Packaging unit
20 / 500 pcs.
Accessories
see accessories RT and RP
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions in mm
8 / 12 A, pinning 3.5 mm
1 C/O
1 N/O
8 / 12 A, pinning 5 mm
1 C/O
1 N/O
16 A, pinning 5 mm
1 C/O
1 N/O
Dimensions
Dimensions in mm
S0273-AA
S0163-BG
S0163-BC
S0163-BD
S0163-BF
S0163-BE
S0163-BH
S0163-CO
S0163-CP
S0163-CQ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com