Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP3SL024 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RP3SL024
Description  Special Load PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RP3SL024 Datasheet(HTML) 3 Page - Tyco Electronics

  RP3SL024 Datasheet HTML 1Page - Tyco Electronics RP3SL024 Datasheet HTML 2Page - Tyco Electronics RP3SL024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. GE1
Issued 2007/05
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Special Load PCB Relay RP 3 SL (Continued)
Product key
RP
S L
Type
Version
3
ffllu
ux
x p
prro
oo
off
7
wash tight
Contact configuration / contact material
SL 1 NO contact, AgSnO2
Coil
Coil code: please refer to coil versions table
Preferred types in bold print
Dimensions
S0273-BC
Product key
Version
Contacts
Coil
Coil
Part number
RP3SL005
16 A
1 NO contact
DC-coil
5 VDC
0-1393230-7
RP3SL012
flux proof
AgSnO2
12 VDC
0-1393230-9
RP3SL024
24 VDC
1-1393230-1
RP3SLA12
bistable
12 VDC
0-1393230-3
RP3SLA24
1-coil
24 VDC
0-1393230-4
RP3SLF12
bistable
12 VDC
0-1393230-5
RP3SLF24
2-coils
24 VDC
0-1393230-6
RP7SL012
12 A
DC-coil
12 VDC
6-1393231-5
RP7SL024
wash tight
24 VDC
6-1393231-6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com