Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR Datasheet(PDF) 3 Page - Tyco Electronics

Part # SNR
Description  Slim PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SNR Datasheet(HTML) 3 Page - Tyco Electronics

  SNR Datasheet HTML 1Page - Tyco Electronics SNR Datasheet HTML 2Page - Tyco Electronics SNR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
3
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Slim PCB Relay SNR (Continued)
Product key
Version
Contacts
Contact material
Coil
Part number
V23092-A1005-A201
PCB
1 CO contact
AgSnO2, gold pl.
5 VDC
0-1393236-1
V23092-A1005-A202
vertical version
1 NO contact
8-1415067-1
V23092-A1005-A301
wash tight
1 CO contact
AgSnO2
0-1393236-2
V23092-A1005-A302
1 NO contact
9-1415067-1
V23092-A1005-A801
1 CO contact
AgNi 90/10
1-1415068-1
V23092-A1005-A802
1 NO contact
0-1415068-1
V23092-A1012-A201
1 CO contact
AgSnO2, gold pl.
12 VDC
0-1393236-4
V23092-A1012-A202
1 NO contact
0-1393236-5
V23092-A1012-A301
1 CO contact
AgSnO2
0-1393236-7
V23092-A1012-A302
1 NO contact
0-1393236-8
V23092-A1012-A801
1 CO contact
AgNi 90/10
1-1393236-3
V23092-A1012-A802
1 NO contact
2-1415068-1
V23092-A1024-A201
1 CO contact
AgSnO2, gold pl.
24 VDC
2-1393236-1
V23092-A1024-A202
1 NO contact
2-1393236-2
V23092-A1024-A301
1 CO contact
AgSnO2
2-1393236-4
V23092-A1024-A302
1 NO contact
2-1393236-5
V23092-A1024-A801
1 CO contact
AgNi 90/10
3-1393236-0
V23092-A1024-A802
1 NO contact
5-1415063-1
V23092-A1048-A201
1 CO contact
AgSnO2, gold pl.
48 VDC
3-1393236-5
V23092-A1048-A202
1 NO contact
3-1393236-6
V23092-A1048-A301
1 CO contact
AgSnO2
3-1393236-7
V23092-A1048-A302
1 NO contact
3-1393236-8
V23092-A1048-A801
1 CO contact
AgNi 90/10
3-1393236-9
V23092-A1048-A802
1 NO contact
3-1415068-1
V23092-S1005-A201
plug-in
1 CO contact
AgSnO2, gold plated
5 VDC
1956024-9
V23092-S1005-A301
vertical version
AgSnO2
1-1956024-0
V23092-S1012-A201
wash tight
AgSnO2, gold plated
12 VDC
1956024-1
V23092-S1012-A301
AgSnO2
1956024-2
V23092-S1024-A201
AgSnO2, gold plated
24 VDC
1956024-3
V23092-S1024-A301
AgSnO2
1956024-4
V23092-S1048-A201
AgSnO2, gold plated
48 VDC
1956024-5
V23092-S1048-A301
AgSnO2
1956024-6
V23092-S1060-A201
AgSnO2, gold plated
60 VDC
1956024-7
V23092-S1060-A301
AgSnO2
1956024-8
Product key
V 23092 -
1
- A
Type
Version
A
PCB, vertical version
B
PCB, flat pack version
S
Plug-in, vertical version
Version
1
wash tight
Coil
Coil code: please refer to coil versions table
Contact system
A
standard
Contact material
2
AgSnO2, gold plated
3
AgSnO2
8
AgNi 90/10
Contact configuration
01 1 CO contact
02 1 NO contact
NO version with 8/8 mm clearance and creepage and other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com